Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1552007 Datasheet (PDF) - PHOENIX CONTACT

1552007 Datasheet PDF - PHOENIX CONTACT
Part # 1552007
Download  1552007 Download
File Size   569.02 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M12MR-M12FR SH/.../... - Sensor/actuator cable

1552007 Datasheet (PDF)

Go To PDF Page Download Datasheet
1552007 Datasheet PDF - PHOENIX CONTACT

Part # 1552007
Download  1552007 Click to download

File Size   569.02 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M12MR-M12FR SH/.../... - Sensor/actuator cable

1552007 Datasheet (HTML) - PHOENIX CONTACT


1552007 Product details

Sensor/actuator cable, 8-position, Plug angled M12, coding: A, on Socket angled M12, coding:
A, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1552007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
155200 MOLEX11-155200 Datasheet
487Kb / 6P
0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
logo
HARTING Technology Grou...
15520022601333 HARTING-15520022601333 Datasheet
679Kb / 3P
har-flex Power M str 2P SMT PL1 Sample
15520022701000 HARTING-15520022701000 Datasheet
670Kb / 3P
har-flex Power M str 2P THR PL1 200pcs
15520022701333 HARTING-15520022701333 Datasheet
670Kb / 3P
har-flex Power M str 2P THR PL1 Sample
15520032601000 HARTING-15520032601000 Datasheet
681Kb / 3P
har-flex Power M str 3P SMT PL1 280pcs
More results


Similar Description - 1552007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407794 PHOENIX-1407794 Datasheet
141Kb / 9P
Sensor/Actuator cable - SAC-8P- 5,0-PUR/FS SH SCO
1544882 PHOENIX-1544882 Datasheet
41Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/BI
1406087 PHOENIX-1406087 Datasheet
168Kb / 11P
Sensor/actuator cable - SAC-8P- 2,0-542/ FR SH SCO BK
09/11/2020
1501003 PHOENIX-1501003 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 0,3-PUR/M12FR SH
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1514511 PHOENIX-1514511 Datasheet
105Kb / 5P
Sensor/actuator cable - SAC-4P-20,0-PUR/M12FR SH
12/05/2018
1522545 PHOENIX-1522545 Datasheet
161Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 1,5-PUR
09/11/2020
1522778 PHOENIX-1522778 Datasheet
162Kb / 11P
Sensor/actuator cable - SAC-8P-M12MS/ 1,5-PUR SH
09/11/2020
1522833 PHOENIX-1522833 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 5,0-PUR SH
09/11/2020
1522930 PHOENIX-1522930 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P- 5,0-PUR/M12FR SH
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com