Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RB-TA3020-1 Datasheet (PDF) - Tripath Technology Inc.

RB-TA3020-1 Datasheet PDF - Tripath Technology Inc.
Part # RB-TA3020-1
Download  RB-TA3020-1 Download
File Size   831.66 Kbytes
Page   20 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY

RB-TA3020-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB-TA3020-1 Datasheet PDF - Tripath Technology Inc.

Part # RB-TA3020-1
Download  RB-TA3020-1 Click to download

File Size   831.66 Kbytes
Page   20 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY

RB-TA3020-1 Datasheet (HTML) - Tripath Technology Inc.


RB-TA3020-1 Product details

GENERAL DESCRIPTION

The RB-TA3020 reference board is based on the TA3020 digital audio power amplifier driver from Tripath Technology. This board is designed to provide a simple and straightforward environment for the evaluation of the  Tripath stereo TA3020 amplifier. This board can also be used in a bridged configuration for high power mono output.



Features

¾ RB-TA3020-1: 2 x 70W continuous output power @ 0.1% THD+N, 4Ω, +28V RB-TA3020-1: 250W continuous output

power @ 0.1% THD+N, bridged 4Ω, +28V RB-TA3020-2: 2 x 175W continuous output power @ 0.1% THD+N, 4Ω, +45V

RB-TA3020-2: 525W continuous output power @ 0.1% THD+N, bridged 4Ω, +45V ¾ Outputs short circuit protected



Benefits

Uses only N-channel power MOSFETs

Ready to use in many applications:

  2 channel stereo systems

  Powered 2.1 speaker systems

  Powered Subwoofers




Similar Part No. - RB-TA3020-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB-TK2019 ETC-RB-TK2019 Datasheet
408Kb / 11P
2 X 20W CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD
RB-TK2050 ETC-RB-TK2050 Datasheet
415Kb / 13P
CLASS-T DIGITAL AUDIO AMPLIFIER 1 CHANNEL TK2050 REFERENCE BOARD
RB-TK2051 ETC-RB-TK2051 Datasheet
594Kb / 14P
CLASS-T DIGITAL AUDIO AMPLIFIER 6 CHANNEL TK2051 REFERENCE BOARD
logo
Weller Tools
RB-TS WELLER-RB-TS Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
More results


Similar Description - RB-TA3020-1

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com