Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GM6156 Datasheet (PDF) - Gamma Microelectronics Inc.

GM6156 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM6156
Download  GM6156 Download
File Size   247.73 Kbytes
Page   9 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 150mA LOW-NOISE LDO REGULATOR

GM6156 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM6156 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM6156
Download  GM6156 Click to download

File Size   247.73 Kbytes
Page   9 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 150mA LOW-NOISE LDO REGULATOR

GM6156 Datasheet (HTML) - Gamma Microelectronics Inc.


GM6156 Product details

Description
GM6156 is an efficient linear voltage regulator with ultralow - noise output, very low dropout voltage (typically 17mV at light loads and 165mV at 50mA), and very low ground current (600µA at 100mA output). GM6156 provides better than 1% initial accuracy.
Designed especially for hand-held, battery-powered devices, GM6156 includes a CMOS or TTL compatible enable/ shutdown control input. When shutdown, power consumption drops nearly to zero. Regulator ground current in creases only slightly in dropout, further prolonging battery life. Key features of GM6156 include a reference bypass pin to improve its excellent low-noise performance, reversed-battery protection, current limiting, and over temperature shutdown.
The GM6156 is available in SOT-25 package.

Features
♦ Very low noise output
♦ High output voltage accuracy
♦ Extremely accurate output voltage
♦ Guaranteed 150mA output
♦ Low quiescent current
♦ Low dropout voltage
♦ Extremely tight load and line regulation
♦ Very low temperature coefficient
♦ Current and thermal limiting
♦ Reverse-battery protection
♦ "Zero" off-mode current
♦ Logic-controlled electronic enable

Application
  Cellular telephones
  Laptop, notebook, and palmtop computers
  Battery-powered equipment
  PCMCIA VCC and VPP regulation/ switching
  Consumer/ personal electronics
  SMPS post-regulator/ dc-to-dc modules
  High-efficiency linear power supplies




Similar Part No. - GM6156

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6155 ETC2-GM6155 Datasheet
108Kb / 8P
150mA LOW - NOISE LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
List of Unclassifed Man...
GM6155-2.5ST25R ETC2-GM6155-2.5ST25R Datasheet
108Kb / 8P
150mA LOW - NOISE LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155-2.5ST25R GAMMA-GM6155-2.5ST25R Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
List of Unclassifed Man...
GM6155-2.7ST25R ETC2-GM6155-2.7ST25R Datasheet
108Kb / 8P
150mA LOW - NOISE LDO REGULATOR
More results


Similar Description - GM6156

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com