Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DP83TC814X-Q1 Datasheet (PDF) - Texas Instruments

DP83TC814X-Q1 Datasheet PDF - Texas Instruments
Part # DP83TC814X-Q1
Download  DP83TC814X-Q1 Download
File Size   1460.52 Kbytes
Page   14 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DP83TC818S-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with TC10, IEEE802.1AS, IEEE802.1AE MACsec and AVB Clock Generation

DP83TC814X-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DP83TC814X-Q1 Datasheet PDF - Texas Instruments

Part # DP83TC814X-Q1
Download  DP83TC814X-Q1 Click to download

File Size   1460.52 Kbytes
Page   14 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DP83TC818S-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with TC10, IEEE802.1AS, IEEE802.1AE MACsec and AVB Clock Generation

DP83TC814X-Q1 Datasheet (HTML) - Texas Instruments


DP83TC814X-Q1 Product details

1 Features
• IEEE 802.1AE MACsec
– MACsec frame expansion: Inbuilt buffering and
flow control support to handle 12 byte IPG
ethernet frames
– Authentication, encryption at line rate
– Cipher suites: GCM-AES-XPN-128/256, GCMAES-
128/256
– Secure Channel: Total 16 SAK enabling 8
Tx/Rx SC
– Auto rollover support for SAK
– Ingress/Egress classification for Ethertype,
VLAN, DMAC: up to 8 parallel rules
– Window replay protection
• IEEE 802.1AS time synchronization & fractional
clock generation
– Highly accurate 1pps signal < +/-5 ns
– Precise time stamping for MACsec encoded
PTP packets
– I2S & TDM8 SCLK/FSYNC clock generation
– Mulitple IOs for event capture and trigger
• IEEE 802.3bw & OA 100BASE-T1 compliant
• TC-10 compliant
– < 20μA sleep current
– Fast wake from sleep by retaining PHY
configuration during sleep (optional)
• MAC Interfaces: MII, RMII, RGMII, SGMII
• Pin compatible with TI's 1000BASE-T1 PHY
– Single board design for 100BASE-T1 and
1000BASE-T1 with required BOM change
• Diagnostic tool kit
– Signal Quality Indication (SQI) & Time Domain
Reflectometry (TDR)
– Voltage, Temperature & ESD sensors
• AEC-Q10 qualified for Automotive Applications:
– Temperature grade 1: –40°C to +125 °C

2 Applications
• ADAS
– Radar
• Infotainment & Cluster
– AVB Audio/Video
• Body Electronics & Lighting
– Body Control Module
– Zone Control Module
• Telematics

3 Description
The DP83TC818S-Q1 device is an IEEE 802.3bw
automotive Ethernet physical layer transceiver. The
device provides all physical layer functions needed
to transmit and receive data, and xMII interface
flexibility. DP83TC818S-Q1 is compliant to Open
Alliance EMC and interoperable specifications over
unshielded single twisted-pair cable. DP83TC818SQ1
supports OA TC-10 low power sleep feature
with wake forwarding for reduced system power
consumption when communication is not required.
The DP83TC818S-Q1 integrates IEEE 802.1AE
line rate security with authentication and optional
encryption support, to secure communication over
the network. The DP83TC818S-Q1 supports up to
16 secure association (SA) channels with automatic
SAK rollover and extended packet numbering support.
DP83TC818S-Q1 offers ingress classification to filter
the unwanted packets & supports WAN MACsec for
end-to-end security.
DP83TC818S-Q1 integrates IEEE 1588v2/802.1AS
hardware time stamping & fractional PLL, enabling
highly accurate time synchronization. The fractional
PLL enables frequency and phase synchronization
of the wall clock (eliminating the need for external
VCXO) and generation of a wide range of time
synchronized frequencies needed for audio and other
ADAS applications. The PHY also integrates IEEE
1722 CRF decode to generate Media clock and Bit
Clock for AVB & other audio applications.




Similar Part No. - DP83TC814X-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83TC814X-Q1 TI-DP83TC814X-Q1 Datasheet
5Mb / 177P
DP83TC814x-Q1 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
DP83TC814X-Q1 TI1-DP83TC814X-Q1 Datasheet
1Mb / 13P
DP83TC817-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with TC10, IEEE802.1AS and IEEE802.1AE MACsec
APRIL 2024
DP83TC814X-Q1 TI-DP83TC814X-Q1 Datasheet
1Mb / 18P
DP83TC817S-Q1 Precise and Secure 100BASE-T1 Automotive Ethernet with IEEE802.1AE MACsec, IEEE802.1AS and TC10 Sleep-Wake
OCTOBER 2024
DP83TC814X-Q1 TI2-DP83TC814X-Q1 Datasheet
1Mb / 13P
DP83TC815-Q1 100Base-T1 Automotive Ethernet PHY Transceiver with IEEE802.1AS and TC10 Sleep-Wake
JULY 2025
DP83TC814X-Q1 TI2-DP83TC814X-Q1 Datasheet
3Mb / 177P
DP83TC815-Q1 100Base-T1 Automotive Ethernet PHY Transceiver With IEEE802.1AS and TC10 Sleep-Wake
REVISED NOVEMBER 2025
More results


Similar Description - DP83TC814X-Q1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1100 NXP-TJA1100 Datasheet
525Kb / 55P
100BASE-T1 PHY for Automotive Ethernet
Rev. 3-23 May 2017
logo
Texas Instruments
DP83TG720S-Q1 TI-DP83TG720S-Q1 Datasheet
2Mb / 199P
DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
DP83TG720R-Q1 TI-DP83TG720R-Q1 Datasheet
2Mb / 129P
DP83TG720R-Q1 1000BASE-T1 Automotive Ethernet PHY
DP83TC812S-Q1 TI-DP83TC812S-Q1 Datasheet
3Mb / 150P
DP83TC812-Q1 TC-10 Compliant 100BASE-T1 Automotive Ethernet PHY
logo
NXP Semiconductors
TJA1101B NXP-TJA1101B Datasheet
1Mb / 58P
100BASE-T1 PHY for automotive Ethernet
Rev. 1-1 March 2021
logo
Texas Instruments
DP83TC814S-Q1 TI-DP83TC814S-Q1 Datasheet
5Mb / 177P
DP83TC814x-Q1 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
DP83TC812S-Q1 TI-DP83TC812S-Q1_V01 Datasheet
5Mb / 196P
DP83TC812x-Q1 TC-10 Compliant 100BASE-T1 Automotive Ethernet PHY
DECEMBER 2021
DP83TC813S-Q1 TI-DP83TC813S-Q1 Datasheet
5Mb / 195P
DP83TC813x-Q1 TC-10 Compliant Small Form Factor 100BASE-T1 Automotive Ethernet PHY
MAY 2022
logo
NXP Semiconductors
SJA1110 NXP-SJA1110 Datasheet
162Kb / 2P
Multi-Gig Safe and Secure TSN Ethernet Switch with Integrated 100BASE-T1 PHYs
Dec 16, 2022
logo
Texas Instruments
DP83TC811-Q1 TI-DP83TC811-Q1 Datasheet
2Mb / 140P
DP83TC811-Q1 Low Power Automotive 100BASE-T1 Ethernet Physical Layer Transceiver
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com