Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FFPF10F150STU Datasheet (PDF) - ON Semiconductor

FFPF10F150STU Datasheet PDF - ON Semiconductor
Part # FFPF10F150STU
Download  FFPF10F150STU Download
File Size   199.01 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 10 A, 1500 V, Damper Diode

FFPF10F150STU Datasheet (PDF)

Go To PDF Page Download Datasheet
FFPF10F150STU Datasheet PDF - ON Semiconductor

Part # FFPF10F150STU
Download  FFPF10F150STU Click to download

File Size   199.01 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 10 A, 1500 V, Damper Diode

FFPF10F150STU Datasheet (HTML) - ON Semiconductor


FFPF10F150STU Product details

Features
• High Speed Recovery tRR = 170 ns (@ IF = 1 A)
• Max Forward Voltage, VF = 1.6 V (@ TC = 25°C)
• 1500 V Reverse Voltage and High Reliability
• Low Forward Voltage
• This Device is Pb−Free and is RoHS Compliant
Applications
• Suitable for Damper Diode in Horizontal Deflection Circuits




Similar Part No. - FFPF10F150STU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF10F150STU FAIRCHILD-FFPF10F150STU Datasheet
1Mb / 4P
Suitable for Damper Diode in Horizontal Deflection Circuits
logo
Inchange Semiconductor ...
FFPF10F150STU ISC-FFPF10F150STU Datasheet
250Kb / 2P
Ultra fast Rectifier
logo
Fairchild Semiconductor
FFPF10F150STU FAIRCHILD-FFPF10F150STU Datasheet
333Kb / 5P
10 A, 1500 V, Damper Diode
November 2014
More results


Similar Description - FFPF10F150STU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY328 PHILIPS-BY328 Datasheet
52Kb / 7P
Damper diode
1996 Sep 30
BY428 PHILIPS-BY428 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Fairchild Semiconductor
FFPF04F150S FAIRCHILD-FFPF04F150S Datasheet
74Kb / 4P
DAMPER DIODE
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF06F150S FAIRCHILD-FFPF06F150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF06U150S FAIRCHILD-FFPF06U150S Datasheet
73Kb / 4P
DAMPER DIODE
FFPF10F150S FAIRCHILD-FFPF10F150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
DAMPER DIODE
FFPF14X150S FAIRCHILD-FFPF14X150S Datasheet
75Kb / 4P
DAMPER DIODE
logo
New Jersey Semi-Conduct...
BY328 NJSEMI-BY328 Datasheet
70Kb / 2P
Damper diode
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com