Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NTE1862 Datasheet (PDF) - NTE Electronics

NTE1862 Datasheet PDF - NTE Electronics
Part # NTE1862
Download  NTE1862 Download
File Size   74.79 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit TV Vertrical Deflection Circuit

NTE1862 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1862 Datasheet PDF - NTE Electronics

Part # NTE1862
Download  NTE1862 Click to download

File Size   74.79 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit TV Vertrical Deflection Circuit

NTE1862 Datasheet (HTML) - NTE Electronics


NTE1862 Product details

Description:

The NTE347 is designed for 13.6 volt, VHF large signal power amplifier applications required in military and industrial equipment operating to 240MHz.



Features:

Low lead inductance stripline package for easier design and increased broadband capability.

Balanced Emitter Construction for increased Safe Operating Area. The NTE347 is designed to withstand an Open or Shorted Load at rated Output Power.

Specified 13.6 volt, 175MHz Characteristics−

      Output Power = 3.0 Watts

      Minimum Gain = 8.2dB

      Efficiency = 50%



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Collector−Emitter Voltage, VCEO . . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . 18V

Collector−Base Voltage, VCB . . . . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . 36V

Emitter−Base Voltage, VEB . . . . . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . 4.0V

Continuous Collector Current, IC . . . . . . . . . .  . . . . . . . . . . . . . . . . . . . 0.6A

Total Device Dissipation (TA = +25°C), PD . . . . . . . .  . . . . . . . . . . . . . 15W

Derate Above 25°C  . . . . . . . . . . . . . . . . .  . . . . . . . . . . . . . . 86mW/°C

Operating Junction Temperature Range, TJ . . . . . . . . .. . −65° to +200°C

Storage Temperature Range, Tstg . . . . . . . . . . . . .  . . . . . . −65° to +200°C




Similar Part No. - NTE1862

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE186 NTE-NTE186 Datasheet
20Kb / 2P
Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE1860 NTE-NTE1860 Datasheet
110Kb / 5P
Integrated Circuit TV Stereo Multiplexing Decoder
NTE1863 NTE-NTE1863 Datasheet
107Kb / 4P
Integrated Circuit Single−Chip Signal Processor for Color TV
NTE1866 NTE-NTE1866 Datasheet
21Kb / 2P
Integrated Circuit 5-Point LED VU Scale Bar Level Meter Driver
NTE1867 NTE-NTE1867 Datasheet
21Kb / 2P
Integrated Circuit Hybrid Switching Voltage Regulator
More results


Similar Description - NTE1862

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1289 NTE-NTE1289 Datasheet
27Kb / 3P
Integrated Circuit TV Vertical Deflection System
NTE15002 NTE-NTE15002 Datasheet
21Kb / 2P
Integrated Circuit Color TV Vertical Deflection Output Circuit
NTE1539 NTE-NTE1539 Datasheet
21Kb / 3P
Integrated Circuit Color TV Sync Deflection Circuit
NTE1674 NTE-NTE1674 Datasheet
26Kb / 2P
Integrated Circuit TV Vertical Deflection Output Circuit
NTE1684 NTE-NTE1684 Datasheet
22Kb / 2P
Integrated Circuit TV Vertical Deflection Output Circuit
NTE1782 NTE-NTE1782 Datasheet
22Kb / 2P
Integrated Circuit TV Vertical Deflection Output Circuit
NTE7008 NTE-NTE7008 Datasheet
28Kb / 3P
Integrated Circuit Color TV/Video, Chroma, Deflection Circuit
NTE7084 NTE-NTE7084 Datasheet
23Kb / 3P
Integrated Circuit Color TV Sync Deflection Circuit
NTE7123 NTE-NTE7123 Datasheet
72Kb / 3P
Integrated Circuit Sync Deflection Circuit for Color TV
NTE1788 NTE-NTE1788 Datasheet
57Kb / 2P
Integrated Circuit TV Vertical Deflection Output Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com