Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NTE347 Datasheet (PDF) - NTE Electronics

NTE347 Datasheet PDF - NTE Electronics
Part # NTE347
Download  NTE347 Download
File Size   74.79 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor

NTE347 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE347 Datasheet PDF - NTE Electronics

Part # NTE347
Download  NTE347 Click to download

File Size   74.79 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor

NTE347 Datasheet (HTML) - NTE Electronics


NTE347 Product details

Description:

The NTE347 is designed for 13.6 volt, VHF large signal power amplifier applications required in military and industrial equipment operating to 240MHz.



Features:

• Low lead inductance stripline package for easier design and increased broadband capability.

• Balanced Emitter Construction for increased Safe Operating Area. The NTE347 is designed to withstand an Open or Shorted Load at rated Output Power.

• Specified 13.6 volt, 175MHz Characteristics−

   Output Power = 3.0 Watts

   Minimum Gain = 8.2dB

   Efficiency = 50%



 




Similar Part No. - NTE347

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3470 NTE-NTE3470 Datasheet
27Kb / 4P
Integrated Circuit Floppy Disk Read Amplifier System
More results


Similar Description - NTE347

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com