Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AZ10EL89 Datasheet (PDF) - Arizona Microtek, Inc

AZ10EL89 Datasheet PDF - Arizona Microtek, Inc
Part # AZ10EL89
Download  AZ10EL89 Download
File Size   115.61 Kbytes
Page   4 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description ECL/PECL Coaxial Cable Driver

AZ10EL89 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ10EL89 Datasheet PDF - Arizona Microtek, Inc

Part # AZ10EL89
Download  AZ10EL89 Click to download

File Size   115.61 Kbytes
Page   4 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description ECL/PECL Coaxial Cable Driver

AZ10EL89 Datasheet (HTML) - Arizona Microtek, Inc


AZ10EL89 Product details

DESCRIPTION
The AZ10EL89 is a differential fanout gate specifically designed to drive coaxial cables. The device is especially useful in Digital Video Broadcasting applications. For this application, since the system is polarity free, each output can be used as an independent driver. The driver has a voltage gain of approximately 40 and produces an output swing twice as large as standard ECL output. When driving a coaxial cable, proper termination is required at both ends of the line to minimize signal loss.

FEATURES
• 375ps Propagation Delay
• 1.6V Output Swing
• Internal Input Pulldown Resistors
• Operating Range of 4.2V to 5.7V
• Direct Replacement for ON Semiconductor MC10EL89
• Transistor Count = 29 devices




Similar Part No. - AZ10EL89

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
437Kb / 6P
PECL/ECL Coaxial Cable Driver
logo
List of Unclassifed Man...
AZ10EL89D ETC1-AZ10EL89D Datasheet
134Kb / 4P
ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89DG AZM-AZ10EL89DG Datasheet
437Kb / 6P
PECL/ECL Coaxial Cable Driver
logo
List of Unclassifed Man...
AZ10EL89DR1 ETC1-AZ10EL89DR1 Datasheet
134Kb / 4P
ECL/PECL Coaxial Cable Driver
More results


Similar Description - AZ10EL89

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
ECL/PECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
ECL/PECL 1:9 Differential Clock Driver
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
PECL/ECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP89 ONSEMI-MC10EP89_09 Datasheet
120Kb / 11P
ECL Coaxial Cable Driver
February, 2008 - Rev. 7
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com