Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX30009 Datasheet (PDF) - Analog Devices

MAX30009 Datasheet PDF - Analog Devices
Part # MAX30009
Download  MAX30009 Download
File Size   1166.33 Kbytes
Page   97 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Power, High-Performance Bioimpedance Analog Front-End

MAX30009 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX30009 Datasheet PDF - Analog Devices

Part # MAX30009
Download  MAX30009 Click to download

File Size   1166.33 Kbytes
Page   97 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Power, High-Performance Bioimpedance Analog Front-End

MAX30009 Datasheet (HTML) - Analog Devices


MAX30009 Product details

General Description
The MAX30009 is a complete Bioimpedance (BioZ) Analog Front-End (AFE) solution for wearable applications. It
offers high performance for fitness, wellness, and clinical
applications, and ultra-low power for long battery life. The
BioZ receive channel has Electrostatic Discharge (ESD)
protection, Electromagnetic Interference (EMI) filtering, internal lead-biasing, DC leads-off detection, DRVN leadoff detection, and ultra-low power lead-on detection during
standby mode. The BioZ receive channel also has high input impedance, low noise, high Common-Mode Rejection
Ratio (CMRR), programmable gain, various low-pass and
high-pass filter options, and two high resolution analog-todigital converters for simultaneous I and Q acquisition.
The BioZ transmit channel has a sine-wave current generator to drive AC currents into the body with a wide frequency range of 16Hz to 500kHz and a wide magnitude range
of 16nARMS to 1.28mARMS. The transmit channel can also operate in the sine-wave voltage and H-bridge modes.
The flexible input/output MUX allows for both bipolar and
tetrapolar measurements with multiple sets of electrodes.
For measurements requiring high absolute impedance accuracy such as Bioimpedance Analysis/Spectroscopy
(BIA/BIS) and Automated External Defibrillator (AED)
body impedance, the MAX30009 offers several calibration
options. An external precision resistor can be connected
to the four-wire calibration port for the highest accuracy.
Internal trimmed resistors also provide high accuracy.
The PLL-based timing subsystem allows for a wide range
of fine-tuned stimulus and sampling frequencies, and can
be synchronized with other Analog Devices biosensors for
simultaneous data collection.
The MAX30009 is available in a 2.03mm x 2.03mm,
25-bump Wafer-Level Package (WLP), operating over the
-40ºC to +85ºC temperature range.

Applications
● Wearable Fitness, Wellness, and Medical Devices
● Multifrequency Body Composition Analyzers
● Non-Invasive Hemodynamic Monitors
● Automatic External Defibrillators
● Optimized Performance to Accurately Detect:
• Respiration Rate
• Galvanic Skin Response/Electrodermal Activity
• Bioimpedance Spectroscopy
• Body Composition and Fluid Analysis
• Impedance Cardiography and Plethysmography

Benefits and Features
BIOZ
● Complete High-Performance BioZ AFE
● Simultaneous I and Q Measurement Capability
● Four-Electrode (Tetrapolar) and Two-Electrode
(Bipolar) Configurations
● Ultra-Low Power Operation
• 250 μW at 1.8V AVDD
● High-Resolution, 20-Bit Sigma Delta Analog-to-Digital
Converters (ADCs)
● Wide Range of Sample Rates from 16sps to 4ksps
● Flexible and Programmable Input/Output MUX
● Low-Noise, High-Resolution Receive Channel
• 17 Bits Effective Resolution with 1.1µVP-P Noise
● High Input Impedance > 1GΩ for Extremely Low
Common to Differential-Mode Conversion
● Programmable Sine-Wave Stimulus
● Low Frequency, Low Current Options for Galvanic
Skin Response (GSR)/Electrodermal Activity (EDA)
Starting from 16Hz and 16nARMS
● Wide Range of Bioelectrical Impedance Analysis/
Spectroscopy (BIA/BIS) Frequencies from 1kHz to
500kHz
● High Currents at High Frequencies for Impedance
Cardiography (ICG) Applications (e.g.,1.28mARMS at
100kHz) with Lockout for Lower Frequencies for
Conformance with 60601-1
● High Input AC Dynamic Range of >1000mVP-P
● 4-Pin In-Situ Calibration Port (4-Wire Precision
Resistor) Enables High-Quality Absolute Impedance
Measurements
● DC Leads-Off Detect Capability
● Ultra-Low Power Lead-On Detection with Interrupt for
System Wake-Up.
• Lead-On Detect Current: 0.7µA (typ)

SYSTEM
● Shutdown Current of 0.6µA (Typ)
● 256 Word FIFO
● Flexible PLL-Based Timing Subsystem with Internal or
External Clock Source
● PLL can be Synchronized with Adjacent Biosensor
AFEs (such as the MAX86176 Photoplethsymography
(PPG)/Electrocardiography (ECG) AFE)
● Configurable Interrupts Reduce µC Wake-Up Time
and Save Power
● High-Speed Serial Peripheral Interface (SPI) and I2C
Digital Interface




Similar Part No. - MAX30009

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX30009EVKIT AD-MAX30009EVKIT Datasheet
6Mb / 29P
MAX30009EVKIT# Evaluation Kit
319-100859; Rev 1; 07/22
More results


Similar Description - MAX30009

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
LOW POWER LOW VOLTAGE ANALOG FRONT END
Nov-1998
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Maxim Integrated Produc...
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5865 MAXIM-MAX5865 Datasheet
2Mb / 26P
Ultra-Low-Power, High-Dynamic- Performance, 40Msps Analog Front End
19-2916; Rev 1; 10/03
MAX5866 MAXIM-MAX5866 Datasheet
737Kb / 26P
Ultra-Low-Power, High-Dynamic- Performance, 60Msps Analog Front End
Rev 0; 2/04
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
High-Performance FM Front End
logo
DATEL, Inc.
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
Low Power Analog Front End
Ver.3
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com