Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SBR200-16JS Datasheet (PDF) - Sanyo Semicon Device

SBR200-16JS Datasheet PDF - Sanyo Semicon Device
Part # SBR200-16JS
Download  SBR200-16JS Download
File Size   40.08 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin TypeCathode Common) 160V, 20A Rectifier

SBR200-16JS Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR200-16JS Datasheet PDF - Sanyo Semicon Device

Part # SBR200-16JS
Download  SBR200-16JS Click to download

File Size   40.08 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin TypeCathode Common) 160V, 20A Rectifier

SBR200-16JS Datasheet (HTML) - Sanyo Semicon Device


SBR200-16JS Product details

160V, 20A Rectifier

Features
• Tj=150°C.
• Low forward voltage (VF max=0.85V).
• Small reverse current (IR typ=10µA).
• Short reverse recovery time.
• Low switching noise.
• High reliability due to planar structure.
• Micaless package facilitating mounting.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBR200-16JS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBR200-10G SANYO-SBR200-10G Datasheet
50Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
SBR200-10JS SANYO-SBR200-10JS Datasheet
50Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
More results


Similar Description - SBR200-16JS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBJ200-04J SANYO-SBJ200-04J Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 20A Rectifier
SBJ200-06J SANYO-SBJ200-06J Datasheet
36Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 20A Rectifier
SBR100-16JS SANYO-SBR100-16JS Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
SBR160-10J SANYO-SBR160-10J Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 16A Rectifier
SBR200-10G SANYO-SBR200-10G Datasheet
50Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
SBR200-10JS SANYO-SBR200-10JS Datasheet
50Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 20A Rectifier
SBT100-16LS SANYO-SBT100-16LS Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
SBR5016JS SANYO-SBR5016JS Datasheet
54Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 5A Rectifier
SBR30016JS SANYO-SBR30016JS Datasheet
54Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 30A Rectifier
RU-SPX4 SANYO-RU-SPX4 Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com