Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OKY2010-1 Datasheet (PDF) - AG Electronica

OKY2010-1 Datasheet PDF - AG Electronica
Part # OKY2010-1
Download  OKY2010-1 Download
File Size   377.01 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description TARJETA COMPATIBLE CON ARDUINO PRO MICRO

OKY2010-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
OKY2010-1 Datasheet PDF - AG Electronica

Part # OKY2010-1
Download  OKY2010-1 Click to download

File Size   377.01 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description TARJETA COMPATIBLE CON ARDUINO PRO MICRO

OKY2010-1 Datasheet (HTML) - AG Electronica


OKY2010-1 Product details

* Feature:
ATmega32U4 running at 5V/16MHz
Supported under IDE v1.0.1
Recommand power supply for board: 6-7V, less than 9V
On-Board micro-USB connector for pragramming
4 x 10-bit ADC pins
12 x Digital 1/Os (5 are PWM capable)
Rx and Tx Hardware Serial Connections
Our Smallest Compatible Board Yet

Description:
* 100% Brand New & High Quality
* The Pro Micro is similtoa trhe Pro mini except with a ATmega32U4 on board. The USB transceiver inside the 3204 allows us to add USB connectivityon board and do away with bulky external USB interface
* Thistiny litte board does all of the neat-o tricks that youre familiar with: 4 channels of 10-bit ADC, 5 PWM pins, 12 DIOs as well as hardware serial connections Rx and Tx. Running at 16MHz and 5V, this board will remind you a lot of your other favorite compatible boards but this fitile guy can go just about anywhere. If you're supplying unregulated pawer to the board, be sure to connect to the "RAW" pin on not VCC.
* This latest revision corrects the silk error from the lastversion of the board so that pin 14 is correctly labeled. We've also added a PTC fuse and diode protectiont to the power drcuit and correctetdhe RX andT X LED direuit.




Similar Part No. - OKY2010-1

ManufacturerPart #DatasheetDescription
logo
AG Electronica
OKY2010 AGELECTRONICA-OKY2010 Datasheet
233Kb / 1P
TARJETA COMPATIBLE CON ARDUINO PRO-MICRO
30/10/20
More results


Similar Description - OKY2010-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC2026AFA LINER-DC2026AFA Datasheet
438Kb / 16P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
CON
logo
Linear Dimensions Semic...
DC2026C LINEAR_DIMENSIONS-DC2026C Datasheet
449Kb / 18P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
Bel Fuse Inc.
DCHMXXP6N6-36.0BN-HT1 BEL-DCHMXXP6N6-36.0BN-HT1 Datasheet
698Kb / 2P
High Temprature ?쏡CHM??Dura-Con Micro-D Plug Connectors
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
Arduino Uno 1pcs
logo
SparkFun Electronics
DEV-10941 SPARKFUN-DEV-10941 Datasheet
111Kb / 2P
LilyPad Arduino SimpleSnap
11/24/2015
logo
Arduino
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com