Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1360576 Datasheet (PDF) - PHOENIX CONTACT

1360576 Datasheet PDF - PHOENIX CONTACT
Part # 1360576
Download  1360576 Download
File Size   345.31 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-PPC2,5/4-5,0-AA-1018 - PCB connector

1360576 Datasheet (PDF)

Go To PDF Page Download Datasheet
1360576 Datasheet PDF - PHOENIX CONTACT

Part # 1360576
Download  1360576 Click to download

File Size   345.31 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-PPC2,5/4-5,0-AA-1018 - PCB connector

1360576 Datasheet (HTML) - PHOENIX CONTACT


1360576 Product details

PCB connector, nominal cross section: 2.5 mm2, color: yellow, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 1, number of positions: 4, number of connections: 4, product range: ICC..-
PPC2,5/..-5,0, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: ICC 2,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring lever:
orange




Similar Part No. - 1360576

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1360577 PHOENIX-1360577 Datasheet
222Kb / 9P
ICC25-PPC1,5/5-3,5-AA-1018 - PCB connector
More results


Similar Description - 1360576

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
DIS-1018-105A LEDTRONICS-DIS-1018-105A Datasheet
52Kb / 1P
DIS-1018-105A
logo
Bud Industries, Inc.
HH-3633 BUD-HH-3633 Datasheet
24Kb / 1P
BATTERY HOLDER - 4 AA
logo
PHOENIX CONTACT
1793260 PHOENIX-1793260 Datasheet
58Kb / 3P
PCB connector - ZEC 1,5/ 4-LPV-5,0 C2,4 BK
1752230 PHOENIX-1752230 Datasheet
119Kb / 5P
PCB terminal block - SPTA 1/ 4-5,0
1933972 PHOENIX-1933972 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 4
1988820 PHOENIX-1988820 Datasheet
87Kb / 5P
PCB terminal block - PTA 1,5/ 4-5,0
1084024 PHOENIX-1084024 Datasheet
63Kb / 3P
Printed-circuit board connector - ICC25-PSC1,5/5-3,5-AA-7035
09/12/2020
1084027 PHOENIX-1084027 Datasheet
64Kb / 3P
Printed-circuit board connector - ICC25-PSC2,5/4-5,0-AA-7035
09/12/2020
1084034 PHOENIX-1084034 Datasheet
99Kb / 6P
Printed-circuit board connector - ICC25-PPC2,5/4-5,0-AA-7035
09/12/2020
1102108 PHOENIX-1102108 Datasheet
237Kb / 10P
Printed-circuit board connector - ICC25-PPC1,5/5-3,5-AA-7035
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com