Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IN74LVU04 Datasheet (PDF) - Silicon Supplies

IN74LVU04 Datasheet PDF - Silicon Supplies
Part # IN74LVU04
Download  IN74LVU04 Download
File Size   153.96 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Hex Inverter N SUFFIX

IN74LVU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74LVU04 Datasheet PDF - Silicon Supplies

Part # IN74LVU04
Download  IN74LVU04 Click to download

File Size   153.96 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Hex Inverter N SUFFIX

IN74LVU04 Datasheet (HTML) - Silicon Supplies


IN74LVU04 Product details

The 74LVU04 is a low-voltage, Si-gate CMOS device and is pin
compatible with the 74HCU04.
The 74LVU04 is a general purpose hex inverter. Each of the six
inverters is a single stage with unbuffered outputs.
• Wide Operating Voltage: 1.0÷5.5 V
• Optimized for Low Voltage applications: 1.0÷3.6 V
• Accepts TTL input levels between VCC =2.7 V and VCC =3.6 V
• Low Input Current




Similar Part No. - IN74LVU04

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LVU04 INTEGRAL-IN74LVU04 Datasheet
140Kb / 6P
HEX INVERTER
IN74LVU04D INTEGRAL-IN74LVU04D Datasheet
140Kb / 6P
HEX INVERTER
IN74LVU04N INTEGRAL-IN74LVU04N Datasheet
140Kb / 6P
HEX INVERTER
More results


Similar Description - IN74LVU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com