Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3048251 Datasheet (PDF) - PHOENIX CONTACT

3048251 Datasheet PDF - PHOENIX CONTACT
Part # 3048251
Download  3048251 Download
File Size   231.12 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 2,5 N-FE - Feed-through terminal block

3048251 Datasheet (PDF)

Go To PDF Page Download Datasheet
3048251 Datasheet PDF - PHOENIX CONTACT

Part # 3048251
Download  3048251 Click to download

File Size   231.12 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 2,5 N-FE - Feed-through terminal block

3048251 Datasheet (HTML) - PHOENIX CONTACT


3048251 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, number of
connections: 2, connection method: Screw connection, Rated cross section: 2.5 mm2, cross
section: 0.2 mm2 - 4 mm2, mounting type: NS 35/7,5, NS 35/15, NS 32, color: black/yellow




Similar Part No. - 3048251

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3048250 PHOENIX-3048250 Datasheet
85Kb / 7P
Feed-through terminal block - UK 2,5 N BD:GNYE
More results


Similar Description - 3048251

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0531210 PHOENIX-0531210 Datasheet
47Kb / 2P
Feed-through modular terminal block - UK 4-EX BKYE-FE
0719074 PHOENIX-0719074 Datasheet
135Kb / 12P
Feed-through modular terminal block - UK 2,5 N RD
0719090 PHOENIX-0719090 Datasheet
135Kb / 12P
Feed-through modular terminal block - UK 2,5 N WH
0719100 PHOENIX-0719100 Datasheet
135Kb / 12P
Feed-through modular terminal block - UK 2,5 N BK
0719252 PHOENIX-0719252 Datasheet
73Kb / 6P
Feed-through terminal block - UK 2,5 N BN
3048250 PHOENIX-3048250 Datasheet
85Kb / 7P
Feed-through terminal block - UK 2,5 N BD:GNYE
3048277 PHOENIX-3048277 Datasheet
89Kb / 6P
Feed-through terminal block - UK 10 N-FE
3048219 PHOENIX-3048219 Datasheet
217Kb / 17P
Feed-through terminal block - UK 35-FE
09/12/2020
1073762 PHOENIX-1073762 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ-FE
Nov 16, 2022
3249007 PHOENIX-3249007 Datasheet
1Mb / 54P
Mini feed-through terminal block - MPT 2,5-M-FE
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com