Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1360849 Datasheet (PDF) - PHOENIX CONTACT

1360849 Datasheet PDF - PHOENIX CONTACT
Part # 1360849
Download  1360849 Download
File Size   1407.36 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CHARX T1HBI12-1AC48DC125-5,0M1 - Vehicle charging inlet

1360849 Datasheet (PDF)

Go To PDF Page Download Datasheet
1360849 Datasheet PDF - PHOENIX CONTACT

Part # 1360849
Download  1360849 Click to download

File Size   1407.36 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CHARX T1HBI12-1AC48DC125-5,0M1 - Vehicle charging inlet

1360849 Datasheet (HTML) - PHOENIX CONTACT


1360849 Product details

CHARX connect universal, AC/DC CCS Typ 1, Vehicle charging inlet, 125 A permanent, 1000 V
DC, 48 A , 250 V AC, Single wires, length: 2 m, locking actuator: 12 V, 4-pos., Front and rear
mounting, M6, housing: black, for charging with alternating current (AC) and with direct current
(DC), IEC 62196-2, IEC 62196-3, A protective cap is supplied as standard for the DC and AC
contacts.




Similar Part No. - 1360849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1360843 PHOENIX-1360843 Datasheet
1Mb / 16P
CHARX T1HBI12-1AC48DC200-8,0M1 - Vehicle charging inlet
More results


Similar Description - 1360849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1162148 PHOENIX-1162148 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-1AC32DC250-2,0M2
1162163 PHOENIX-1162163 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-1AC80DC250-2,0M1
1162178 PHOENIX-1162178 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-1AC48DC200-2,0M1
1194398 PHOENIX-1194398 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-1AC48DC125-2,0M1
1210900 PHOENIX-1210900 Datasheet
606Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-1AC80DC200-2,0M1
1210902 PHOENIX-1210902 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-1AC48DC250-2,0M1
1211212 PHOENIX-1211212 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-3AC32DC200-2,0M2
1211222 PHOENIX-1211222 Datasheet
603Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-DC250-2,0M2
1211595 PHOENIX-1211595 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-DC200-2,0M1
1211606 PHOENIX-1211606 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T1HBI12-DC250-2,0M1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com