Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AVLAW900S Datasheet (PDF) - Infinite Electronics International, Inc.

AVLAW900S Datasheet PDF - Infinite Electronics International, Inc.
Part # AVLAW900S
Download  AVLAW900S Download
File Size   1301.71 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description FIPS 140-2 High Security 900 MHz Outdoor Wireless Ethernet Radio

AVLAW900S Datasheet (PDF)

Go To PDF Page Download Datasheet
AVLAW900S Datasheet PDF - Infinite Electronics International, Inc.

Part # AVLAW900S
Download  AVLAW900S Click to download

File Size   1301.71 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description FIPS 140-2 High Security 900 MHz Outdoor Wireless Ethernet Radio

AVLAW900S Datasheet (HTML) - Infinite Electronics International, Inc.


AVLAW900S Product details

Features
• FIPS 140-2 Level 2 Validated Data Security
• Totally separate USB interface for
configuration of the encryption key and password
• Meets C1D2 for Hazardous Locations
• Rugged weatherproof cast aluminum outdoor package
meets IP66 Standard for water and dust protection
• Remote diagnostics and link analysis with browser interface
• Does not require an FCC license
to operate or install
• 12 non-overlapping RF channels with automatic or manual
selection via browser interface
• High RF output power provides maximum
foliage and/or wall penetration
• Line-of-sight range up to 40 miles with
optional 15 dBi antennas




Similar Part No. - AVLAW900S

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVLAW900F L-COM-AVLAW900F Datasheet
877Kb / 2P
900 MHz Industrial Wireless Ethernet and Serial Radio
06.17.2013
AVLAW900FM10 L-COM-AVLAW900FM10 Datasheet
1Mb / 2P
900 MHz Ethernet and Serial Module
07.01.2013
AVLAW900FMEVAL L-COM-AVLAW900FMEVAL Datasheet
1Mb / 2P
900 MHz Ethernet and Serial Module
07.01.2013
AVLAW900FPAIR L-COM-AVLAW900FPAIR Datasheet
877Kb / 2P
900 MHz Industrial Wireless Ethernet and Serial Radio
06.17.2013
AVLAW900FS L-COM-AVLAW900FS Datasheet
711Kb / 2P
Secure 900 MHz Industrial Wireless Ethernet Radio
06.14.2013
More results


Similar Description - AVLAW900S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
3 V FIPS-140 security supervisor with battery switchover
20-Aug-2008
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
Demonstration board using the PD85004 for 900 MHz 2-way radio
12-Oct-2010
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
Demonstration board using the PD84008L-E for 900 MHz 2-way radio
14-Oct-2010
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
ATMEL Corporation
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
ZigBit??700/800/900 MHz Wireless Modules
logo
Murata Manufacturing Co...
LG90E MURATA-LG90E Datasheet
1Mb / 6P
900 MHz FHSS DNT90/Ethernet Gateway
logo
Mixed Signal Integratio...
MSFIPS MSI-MSFIPS Datasheet
97Kb / 8P
FIPS-140 Level 4 Security Supervisor
logo
Silicon Laboratories
RS9113 SILABS-RS9113 Datasheet
3Mb / 56P
RS9113 FIPS 140-2 802.11n Module
Version 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com