Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HM72L-12651R0LFTR Datasheet (PDF) - TT Electronics.

HM72L-12651R0LFTR Datasheet PDF - TT Electronics.
Part # HM72L-12651R0LFTR
Download  HM72L-12651R0LFTR Download
File Size   2430.36 Kbytes
Page   9 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Power Inductors

HM72L-12651R0LFTR Datasheet (PDF)

Go To PDF Page Download Datasheet
HM72L-12651R0LFTR Datasheet PDF - TT Electronics.

Part # HM72L-12651R0LFTR
Download  HM72L-12651R0LFTR Click to download

File Size   2430.36 Kbytes
Page   9 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Power Inductors

HM72L-12651R0LFTR Datasheet (HTML) - TT Electronics.


HM72L-12651R0LFTR Product details

Description:
HM72L series molded inductors are designed with the latest composite molded core materials to maximize inductance, temperature performance and saturation current while minimizing DC resistance and physical size. The result is a compact, surface mount component that operates in demanding environments with saturation currents up to 80 amps. It is magnetically shielded.
The HM72L series has been designed with operating temperature range from -55° C to +125° C. It is ideal for high power density applications where size is critical. HM72L series offer for high efficiency DC-DC converters using high switching frequencies circuit as well as DC input to filter DC output in high temperature environments. This molded inductors deliver clean power in a small and light weight surface mount package. It has proven performance and reliability levels that ideal for most power industrial applications.
Applications:
• Switching power supplies
• EMI/RFI filtering, output chokes
• Power amplifier circuits
• DC/DC converter
Features:
• Operating Temperature Range –55°C to +125°C
• Ambient Temperature, Maximum +85°C
• Temperature Rise, 40°C
• RoHS Compliant




Similar Part No. - HM72L-12651R0LFTR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM72L-1040 TTELEC-HM72L-1040 Datasheet
1Mb / 4P
Power Inductors
HM72L-10401R0LFTR TTELEC-HM72L-10401R0LFTR Datasheet
1Mb / 4P
Power Inductors
HM72L-10401R8LFTR TTELEC-HM72L-10401R8LFTR Datasheet
1Mb / 4P
Power Inductors
HM72L-10402R0LFTR TTELEC-HM72L-10402R0LFTR Datasheet
1Mb / 4P
Power Inductors
HM72L-10402R2LFTR TTELEC-HM72L-10402R2LFTR Datasheet
1Mb / 4P
Power Inductors
More results


Similar Description - HM72L-12651R0LFTR

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com