Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NTE1029 Datasheet (PDF) - NTE Electronics

NTE1029 Datasheet PDF - NTE Electronics
Part # NTE1029
Download  NTE1029 Download
File Size   78.26 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Power Amplifier, 3.5W

NTE1029 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1029 Datasheet PDF - NTE Electronics

Part # NTE1029
Download  NTE1029 Click to download

File Size   78.26 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Power Amplifier, 3.5W

NTE1029 Datasheet (HTML) - NTE Electronics


NTE1029 Product details

Features:
● SRPP Circuit (Shunt−Regulated Push−Pull Circuit)
    High Operating Stability on DC and AC
● High Voltage Gain: 44dB (Typ)
● Low Thermal Resistance: 10°C/W (Max)
   




Similar Part No. - NTE1029

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE102 NTE-NTE102 Datasheet
24Kb / 2P
Germanium Complementary Transistors Power Output, Driver
NTE1022 NTE-NTE1022 Datasheet
18Kb / 2P
Integrated Circuit 4-Channel Stereo Decoder
NTE1024 NTE-NTE1024 Datasheet
18Kb / 2P
Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1026 NTE-NTE1026 Datasheet
76Kb / 1P
Integrated Circuit Module, Hybrid OSC/Buffer
NTE1027 NTE-NTE1027 Datasheet
18Kb / 2P
Integrated Circuit Module - Hybrid, Audio Power Amplifier
More results


Similar Description - NTE1029

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
Integrated Circuit Audio Power Amplifier, 7W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 1.2W
NTE1376 NTE-NTE1376 Datasheet
24Kb / 3P
Integrated Circuit Audio Power Amplifier, 22W
NTE1465 NTE-NTE1465 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amplifier, 500mW
NTE1685 NTE-NTE1685 Datasheet
21Kb / 2P
Integrated Circuit Dual AF Power Amp, 3.5W
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
NTE1180 NTE-NTE1180 Datasheet
79Kb / 2P
Integrated Circuit Audio Power Amplifier, 1.5W
NTE1224 NTE-NTE1224 Datasheet
76Kb / 1P
Integrated Circuit Audio Power Amplifier, 1W
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
Integrated Circuit 20W Audio Power Amplifier Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com