Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B0303S/D-1W Datasheet (PDF) - MORNSUN Science& Technology Ltd.

B0303S/D-1W Datasheet PDF - MORNSUN Science& Technology Ltd.
Part # B0303S/D-1W
Download  B0303S/D-1W Download
File Size   310.69 Kbytes
Page   5 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description 1W, FIXED INPUT ISOLATED & UNREGULATED SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE

B0303S/D-1W Datasheet (PDF)

Go To PDF Page Download Datasheet
B0303S/D-1W Datasheet PDF - MORNSUN Science& Technology Ltd.

Part # B0303S/D-1W
Download  B0303S/D-1W Click to download

File Size   310.69 Kbytes
Page   5 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description 1W, FIXED INPUT ISOLATED & UNREGULATED SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE

B0303S/D-1W Datasheet (HTML) - MORNSUN Science& Technology Ltd.


B0303S/D-1W Product details

FEATURES
● Efficiency up to 80%
● Miniature SIP/DIP Package
● 1KVDC Isolation
● Operating Temperature Range:
-40°C ~ +85°C
● Low Temperature Rise
● No External Component Required
● PCB Mounting
● Industry Standard Pinout

APPLICATIONS
The B_S-1W & B_D-1W Series are designed for
application where isolated output is required from a
distributed power system.
These products apply to where:
1) Input voltage variation ≤ ±10%;
2) 1KVDC input and output isolation;
3) Regulated and low ripple noise is not required.
Such as: digital circuits, low frequency analog circuits,
and IGBT power device driving circuits.




Similar Part No. - B0303S/D-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303S/D-1W MORNSUN-B0303S/D-1W Datasheet
487Kb / 5P
SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0303S/D-1W MORNSUN-B0303S/D-1W Datasheet
487Kb / 5P
SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
logo
Guangzhou Reicu Electro...
B0303S/D-1W REICU-B0303S/D-1W Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B0303S/D-1WR2 MORNSUN-B0303S/D-1WR2 Datasheet
615Kb / 5P
SINGLE OUTPUT DC-DC CONVERTER
B0303S/D-1WR2 MORNSUN-B0303S/D-1WR2 Datasheet
615Kb / 5P
SINGLE OUTPUT DC-DC CONVERTER
More results


Similar Description - B0303S/D-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
GAPTEC Electronic GmbH ...
0.1D8A GAPTEC-0.1D8A Datasheet
804Kb / 2P
0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1D8A GAPTEC-1D8A Datasheet
1Mb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE DIP PACKAGE
1D8E GAPTEC-1D8E Datasheet
908Kb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE DIP PACKAGE
1D8E-3U GAPTEC-1D8E-3U Datasheet
894Kb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE DIP PACKAGE
1D14B GAPTEC-1D14B Datasheet
989Kb / 3P
1W Single/Dual Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
1S4A GAPTEC-1S4A Datasheet
1Mb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4E GAPTEC-1S4E Datasheet
922Kb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com