Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R7FA8D1AXECFC Datasheet (PDF) - Renesas Technology Corp

R7FA8D1AXECFC Datasheet PDF - Renesas Technology Corp
Part # R7FA8D1AXECFC
Download  R7FA8D1AXECFC Download
File Size   2614.35 Kbytes
Page   192 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-performance 480 MHz Arm® Cortex®-M85 core with HeliumTM, up to 2 MB code flash memory with Dual-bank, background and SWAP operation, 12 KB Data flash memory, and 1 MB SRAM with Parity/ECC.

R7FA8D1AXECFC Datasheet (PDF)

Go To PDF Page Download Datasheet
R7FA8D1AXECFC Datasheet PDF - Renesas Technology Corp

Part # R7FA8D1AXECFC
Download  R7FA8D1AXECFC Click to download

File Size   2614.35 Kbytes
Page   192 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-performance 480 MHz Arm® Cortex®-M85 core with HeliumTM, up to 2 MB code flash memory with Dual-bank, background and SWAP operation, 12 KB Data flash memory, and 1 MB SRAM with Parity/ECC.

R7FA8D1AXECFC Datasheet (HTML) - Renesas Technology Corp


R7FA8D1AXECFC Product details

Features
R01DS0416EJ0120
Rev.1.20
Nov 22, 2024
■ Arm® Cortex®-M85 core with HeliumTM
● Armv8.1-M architecture profile
● Armv8-M Security Extension
● Maximum operating frequency: 480 MHz
● Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure and Non-secure instance
– Driven by CPUCLK or MOCO divided by 8
● CoreSight™ ETM-M85
■ Memory
● Up to 2 MB code flash memory
● 12 KB data flash memory (100,000 program/erase (P/E) cycles)
● 1 MB SRAM including 128 KB of TCM
■ Connectivity
● Serial Communications Interface (SCI) × 6 , up to 60 Mbps
– Asynchronous interfaces
– 8 bit clock synchronous interface
– Smart card interface
– Simple IIC
– Simple SPI
– Manchester coding (SCI0)
– Simple LIN (SCI0, SCI1)
● I
2C bus interface (IIC) × 2
● I
3C bus interface (I3C)
● Serial Peripheral Interface (SPI) × 2, up to 60 Mbps
● Octal Serial Peripheral Interface (OSPI)
● USB 2.0 Full-Speed Module (USBFS)
● USB 2.0 High-Speed Module (USBHS)
● CAN with Flexible Data-rate (CANFD) × 2
● Ethernet MAC/DMA Controller (ETHERC/EDMAC)
● SD/MMC Host Interface (SDHI) × 2
● Serial Sound Interface Enhanced (SSIE) × 2
■ Analog
● 12-bit A/D Converter (ADC12) × 2
● 12-bit D/A Converter (DAC12) × 2
● High-Speed Analog Comparator (ACMPHS) × 2
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 32-bit (GPT32) × 8
● General PWM Timer 16-bit (GPT16) × 6
● Low Power Asynchronous General Purpose Timer (AGT) × 2
● Ultra-Low-Power Timer (ULPT) × 2
■ Security and Encryption
● Renesas Secure IP (RSIP-E51A)
– Symmetric cryptography: AES
– Asymmetric cryptography: RSA, ECC
– Message digest computation: HASH
– 128 bit unique ID
● Arm® TrustZone®
– Up to two or four regions for the code flash, depending on the
bank mode
– Up to two regions for the data flash
– Up to two regions for the SRAM
– Individual Secure or Non-secure security attribution for each
peripheral
● Privileged control
● Device lifecyle management
● Secure boot
● Decryption on-the-fly (DOTF)
● Pin function
– Up to three tamper-resistant pins
– Secure pin multiplexing
■ System and Power Management
● Low power modes
● Battery backup function (VBATT)
● Realtime Clock (RTC) with calendar and VBATT support
● Event Link Controller (ELC)
● Data Transfer Controller (DTC)
● DMA Controller (DMAC) × 8
● Power-on reset
● Programable Voltage Detection (PVD) with voltage settings
● Watchdog Timer (WDT)
● Independent Watchdog Timer (IWDT)
■ Human Machine Interface (HMI)
● Graphics LCD Controller (GLCDC)
● 2D Drawing Engine (DRW)
● Capture Engine Unit (CEU)
● MIPI DSI
■ Multiple Clock Sources
● Main clock oscillator (MOSC) (8 to 48 MHz)
● Sub-clock oscillator (SOSC) (32.768 kHz)
● High-speed on-chip oscillator (HOCO) (16/18/20/32/48 MHz)
● Middle-speed on-chip oscillator (MOCO) (8 MHz)
● Low-speed on-chip oscillator (LOCO) (32.768 kHz)
● Clock trim function for HOCO/MOCO/LOCO
● PLL1/PLL2
● Clock out support
■ General-Purpose I/O Ports
● 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating Voltage
● VCC: 1.68 to 3.6 V
● VCC2: 1.65 to 3.6 V
■ Operating Junction Temperature and Packages
● Tj = -40℃ to +125℃
– 176-pin LQFP (24 mm × 24 mm, 0.5 mm pitch)
– 224-pin BGA (13 mm × 13 mm, 0.8 mm pitch)




Similar Part No. - R7FA8D1AXECFC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FA8D1AFECBD RENESAS-R7FA8D1AFECBD Datasheet
2Mb / 193P
Renesas Microcontrollers
Rev.1.30 Dec 19, 2025
R7FA8D1AFECFC RENESAS-R7FA8D1AFECFC Datasheet
2Mb / 193P
Renesas Microcontrollers
Rev.1.30 Dec 19, 2025
R7FA8D1AHECBD RENESAS-R7FA8D1AHECBD Datasheet
2Mb / 193P
Renesas Microcontrollers
Rev.1.30 Dec 19, 2025
R7FA8D1AHECFC RENESAS-R7FA8D1AHECFC Datasheet
2Mb / 193P
Renesas Microcontrollers
Rev.1.30 Dec 19, 2025
More results


Similar Description - R7FA8D1AXECFC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RA4M1 RENESAS-RA4M1 Datasheet
1Mb / 130P
High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
RA6M3 RENESAS-RA6M3 Datasheet
1Mb / 116P
Leading performance 120-MHz Arm Cortex-M4 core, up to 2-MB code flash memory
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
logo
Renesas Technology Corp
RA2E2 RENESAS-RA2E2 Datasheet
1Mb / 98P
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 64-KB code flash memory, 8-KB SRAM, 12-bit A/D Converter, Security and Safety features.
Mar 31, 2022
RA4E1 RENESAS-RA4E1 Datasheet
1Mb / 81P
Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation,8 KB
Feb 4, 2022
RA4M2 RENESAS-RA4M2 Datasheet
1Mb / 92P
Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
Jan 27, 2021
RA6E1 RENESAS-RA6E1 Datasheet
1Mb / 93P
High-performance 200 MHz Arm Cortex-M33 core up to 1 MB code flash memory with Dual-bank, background and SWAP operation, KB Data flash memory, and 256 KB SRAM with Parity.
Feb 4, 2022
RA6M5 RENESAS-RA6M5 Datasheet
1Mb / 118P
High-performance 200 MHz Arm Cortex-M33 core, up to 2 MB code flash memory with Dual-bank, background and SWAP operation, 8 KB Data flash memory, and 512 KB SRAM with Parity/ECC.
Mar 31, 2021
S5D5 RENESAS-S5D5 Datasheet
1Mb / 100P
Leading performance 120 MHz Arm® Cortex®-M4 core, up to 1-MB code flash memory, 384-KB SRAM
Rev.1.30 Aug 2019
logo
STMicroelectronics
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com