Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAD65 Datasheet (PDF) - TT Electronics.

PSAD65 Datasheet PDF - TT Electronics.
Part # PSAD65
Download  PSAD65 Download
File Size   438.48 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PSAD65 Power Supply Series (65W)

PSAD65 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSAD65 Datasheet PDF - TT Electronics.

Part # PSAD65
Download  PSAD65 Click to download

File Size   438.48 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PSAD65 Power Supply Series (65W)

PSAD65 Datasheet (HTML) - TT Electronics.


PSAD65 Product details

Description:
The PSAD65 series of AC/DC switching power supplies are for 60-65 watts of continuous output power. They are available as
Class I or Class II devices with the inlet of the IEC320/C14, C6, C8, or C18 to mate with an interchangeable cord for worldwide
use. All models meet FCC, EN55032, and CISPR32 class B emission limits, and comply with UL, IEC, DOE level VI, CE, and
more.
Features:
• Class I and II Configurations Available
• Efficiency Level VI
• <210mW No Load Power Consumption
• Short Circuit Protection
• Overload Protection
• No Load Operation




Similar Part No. - PSAD65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
PSAD15J TSC-PSAD15J Datasheet
476Kb / 5P
15A, 600V Super Fast Surface Mount Rectifier
Version: A2411
PSAD15JH TSC-PSAD15JH Datasheet
477Kb / 5P
15A, 600V Super Fast Surface Mount Rectifier
Version: A2411
logo
TT Electronics.
PSAD36B TTELEC-PSAD36B Datasheet
434Kb / 4P
PSAD36B Power Supply Series (36W)
15/07/2020
PSAD36BSF-10-B2 TTELEC-PSAD36BSF-10-B2 Datasheet
434Kb / 4P
PSAD36B Power Supply Series (36W)
15/07/2020
PSAD36BSF-11-B2 TTELEC-PSAD36BSF-11-B2 Datasheet
434Kb / 4P
PSAD36B Power Supply Series (36W)
15/07/2020
More results


Similar Description - PSAD65

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PT-65 MEANWELL-PT-65 Datasheet
429Kb / 2P
65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
65W Single Output Switching Power Supply
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
65W Triple Output Switching Power Supply
RPT-65 RSG-RPT-65 Datasheet
258Kb / 2P
65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
65W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PS65 ASTRODYNE-PS65 Datasheet
323Kb / 4P
65W Single Output Switching Power Supply
PD65 ASTRODYNE-PD65 Datasheet
327Kb / 4P
65W Dual Output Switching Power Supply
RQ65 ASTRODYNE-RQ65 Datasheet
340Kb / 4P
65W Quad Output Switching Power Supply
logo
Total Power Internation...
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
65W Quad Output Switching Power Supply
logo
FSP TECHNOLOGY INC.
FSP065-P24-A FSP-FSP065-P24-A Datasheet
458Kb / 3P
65W ITE POWER SUPPLY
2022.05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com