Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T6637ST Datasheet (PDF) - TT Electronics.

T6637ST Datasheet PDF - TT Electronics.
Part # T6637ST
Download  T6637ST Download
File Size   234.69 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description USA USB PLUG-IN POWER SUPPLY 5VDC 5WATT

T6637ST Datasheet (PDF)

Go To PDF Page Download Datasheet
T6637ST Datasheet PDF - TT Electronics.

Part # T6637ST
Download  T6637ST Click to download

File Size   234.69 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description USA USB PLUG-IN POWER SUPPLY 5VDC 5WATT

T6637ST Datasheet (HTML) - TT Electronics.


T6637ST Product details

Features:
• USA Fixed AC Head
• 1 Year Warranty
• Level VI Efficiency
• Worldwide Approvals
Description:
The Stontronics Range of USA USB plug-in power supplies provide 5 Watts of continuous power in a compact fixed wall plug enclosure suitable for use in many general power applications.




Similar Part No. - T6637ST

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T6630AP MORNSUN-T6630AP Datasheet
196Kb / 3P
Isolated Transmitter
T6630B MORNSUN-T6630B Datasheet
68Kb / 2P
Active Single channel Analog signal Isolation barrier
T6630CP MORNSUN-T6630CP Datasheet
528Kb / 3P
ACTIVE HIGH PRECISION AMPLIFIER
T6630D/S MORNSUN-T6630D/S Datasheet
90Kb / 2P
ACTIVE SIGNAL AMPLIFIER
T6630P MORNSUN-T6630P Datasheet
226Kb / 4P
Isolated Transmitter
More results


Similar Description - T6637ST

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S3900 PASTERNACK-PE71S3900 Datasheet
500Kb / 7P
USB type plug DC Positive Supply
PE71S3901 PASTERNACK-PE71S3901 Datasheet
512Kb / 7P
USB type plug DC Positive Supply
logo
List of Unclassifed Man...
76000934 ETC2-76000934 Datasheet
41Kb / 1P
AC Power Supply - 5VDC. U.S. 2-pin to 2.5mm locking barrel plug. Compatibility
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
USB Port Power Supply Controller
logo
GAPTEC Electronic GmbH ...
5ACEW GAPTEC-5ACEW Datasheet
636Kb / 5P
5Watt - AC-DC converter
5ACFEW GAPTEC-5ACFEW Datasheet
672Kb / 6P
5Watt AC-DC converter
logo
Advantech Co., Ltd.
PS23VDC3P ADVANTECH-PS23VDC3P Datasheet
218Kb / 1P
Hardened AC Power Adapter, 12VDC, 36W, USA Plug
logo
Pepperl+Fuchs Inc.
USB-FBPS-1.11.45.NI PF-USB-FBPS-1.11.45.NI Datasheet
1Mb / 3P
USB Fieldbus Power Supply
2021-01-12
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
5VDC, 3A, 15W Switching Power Supply
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
5Vdc, 3A, 15W Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com