Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T6639ST Datasheet (PDF) - TT Electronics.

T6639ST Datasheet PDF - TT Electronics.
Part # T6639ST
Download  T6639ST Download
File Size   321.97 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description USA 2-PIN PLUG-IN POWER SUPPLY 12VDC 12WATT

T6639ST Datasheet (PDF)

Go To PDF Page Download Datasheet
T6639ST Datasheet PDF - TT Electronics.

Part # T6639ST
Download  T6639ST Click to download

File Size   321.97 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description USA 2-PIN PLUG-IN POWER SUPPLY 12VDC 12WATT

T6639ST Datasheet (HTML) - TT Electronics.


T6639ST Product details

Features:
• USA Fixed AC Head
• 1 Year Warranty
• Level VI Efficiency
• CE Approved
Description:
Our Range of Class II 12 Watt AC/DC USA plug-in power supplies provide 12 Watts of continuous power in a compact fixed wall plug enclosure suitable for use in many general power applications.




Similar Part No. - T6639ST

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T6630AP MORNSUN-T6630AP Datasheet
196Kb / 3P
Isolated Transmitter
T6630B MORNSUN-T6630B Datasheet
68Kb / 2P
Active Single channel Analog signal Isolation barrier
T6630CP MORNSUN-T6630CP Datasheet
528Kb / 3P
ACTIVE HIGH PRECISION AMPLIFIER
T6630D/S MORNSUN-T6630D/S Datasheet
90Kb / 2P
ACTIVE SIGNAL AMPLIFIER
T6630P MORNSUN-T6630P Datasheet
226Kb / 4P
Isolated Transmitter
More results


Similar Description - T6639ST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2225 SCHURTER-2225 Datasheet
235Kb / 2P
Power Supply Cord with CH Power (Mains) Plug 2-pole, Straight
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
76000934 ETC2-76000934 Datasheet
41Kb / 1P
AC Power Supply - 5VDC. U.S. 2-pin to 2.5mm locking barrel plug. Compatibility
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
Schneider Electric
782XDXH21-12D SCHNEIDER-782XDXH21-12D Datasheet
99Kb / 4P
Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 12VDC
Jul 22, 2021
782XDXH10-12D SCHNEIDER-782XDXH10-12D Datasheet
102Kb / 4P
Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 12VDC
Jul 22, 2021
logo
Advantech Co., Ltd.
PS23VDC3P ADVANTECH-PS23VDC3P Datasheet
218Kb / 1P
Hardened AC Power Adapter, 12VDC, 36W, USA Plug
logo
Coolgear Inc.
12V7A2P-A COOLGEAR-12V7A2P-A Datasheet
381Kb / 2P
12V 6A Power Supply for 2 Pin USB Hub Power A
logo
WECO ELECTRICAL CONNECT...
322-SVW WECO-322-SVW Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin, plug-in direction vertical, long pin
07.18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com