Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FCBG110SD1C01-WX Datasheet (PDF) - Coherent Corp

FCBG110SD1C01-WX Datasheet PDF - Coherent Corp
Part # FCBG110SD1C01-WX
Download  FCBG110SD1C01-WX Download
File Size   804.3 Kbytes
Page   9 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description 10Gb/s SFPwire® SFP Active Optical Cable

FCBG110SD1C01-WX Datasheet (PDF)

Go To PDF Page Download Datasheet
FCBG110SD1C01-WX Datasheet PDF - Coherent Corp

Part # FCBG110SD1C01-WX
Download  FCBG110SD1C01-WX Click to download

File Size   804.3 Kbytes
Page   9 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description 10Gb/s SFPwire® SFP Active Optical Cable

FCBG110SD1C01-WX Datasheet (HTML) - Coherent Corp


FCBG110SD1C01-WX Product details

PRODUCT FEATURES
• Hot-pluggable SFP+ cable ends
• Supports 10.3125 Gb/s bit rate
• RoHS-6 compliant (lead-free)
• Available in lengths up to 20m
• SFI Limiting interface
• Single 3.3V power supply
• Low power dissipation
• Commercial temperature range: 0°C to 70°C
• Rigid pull-tab for improved high-density installations
APPLICATIONS
• 10G Ethernet Datacenter Intra-Rack and Inter-Rack links




Similar Part No. - FCBG110SD1C01-WX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG110SD1C01 FINISAR-FCBG110SD1C01 Datasheet
739Kb / 9P
RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
Coherent Corp
FCBG110SD1C01 COHERENT-FCBG110SD1C01 Datasheet
739Kb / 9P
10Gb/s SFPwire(R) SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
More results


Similar Description - FCBG110SD1C01-WX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG110SD1CXX FINISAR-FCBG110SD1CXX Datasheet
739Kb / 9P
RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
10GB-F01-SFPP-C ATGBICS-10GB-F01-SFPP-C Datasheet
397Kb / 6P
10GB-F01-SFPP Extreme Compatible Active Optical Cable 10G SFP (1m)
10GB-F02-SFPP-C ATGBICS-10GB-F02-SFPP-C Datasheet
397Kb / 6P
10GB-F02-SFPP Extreme Compatible Active Optical Cable 10G SFP (2m)
10GB-F07-SFPP-C ATGBICS-10GB-F07-SFPP-C Datasheet
397Kb / 6P
10GB-F07-SFPP Extreme Compatible Active Optical Cable 10G SFP (7m)
10GB-F15-SFPP-C ATGBICS-10GB-F15-SFPP-C Datasheet
397Kb / 6P
10GB-F15-SFPP Extreme Compatible Active Optical Cable 10G SFP (15m)
10GB-F25-SFPP-C ATGBICS-10GB-F25-SFPP-C Datasheet
397Kb / 6P
10GB-F25-SFPP Extreme Compatible Active Optical Cable 10G SFP (25m)
10GB-F30-SFPP-C ATGBICS-10GB-F30-SFPP-C Datasheet
397Kb / 6P
10GB-F30-SFPP Extreme Compatible Active Optical Cable 10G SFP (30m)
AOC-SFP-10G-1M-AT ATGBICS-AOC-SFP-10G-1M-AT Datasheet
471Kb / 6P
Universally Coded MSA 1G/10Gb/s SFP Active Optical Cable, 1m
AOC-SFP-10G-2M-AT ATGBICS-AOC-SFP-10G-2M-AT Datasheet
471Kb / 6P
Universally Coded MSA 1G/10Gb/s SFP Active Optical Cable, 2m
AOC-SFP-10G-3M-AT ATGBICS-AOC-SFP-10G-3M-AT Datasheet
471Kb / 6P
Universally Coded MSA 1G/10Gb/s SFP Active Optical Cable, 3m
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com