Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPA2038D1 Datasheet (PDF) - Texas Instruments

TPA2038D1 Datasheet PDF - Texas Instruments
Part # TPA2038D1
Download  TPA2038D1 Download
File Size   630.91 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection

TPA2038D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA2038D1 Datasheet PDF - Texas Instruments

Part # TPA2038D1
Download  TPA2038D1 Click to download

File Size   630.91 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection

TPA2038D1 Datasheet (HTML) - Texas Instruments


TPA2038D1 Product details

FEATURES
• Filter-Free Mono Class-D Speaker Amp
• GAIN Pin Selects Between 6 dB and 12 dB
• 3.2 W into 4 Ω from 5 V supply at 10% THD+N
• Powerful Mono Class-D Speaker Amplifier
– 1% at 1.4 W into 8 Ω from 5 V Supply
– 1% at 2.5 W into 4 Ω from 5 V Supply
• Integrated Image Reject Filter for DAC Noise
Reduction
• Low Output Noise of 20 μV
• Low Quiescent Current of 1.5 mA
• Auto-Recovering Short-Circuit Protection
• Thermal-Overload Protection
• 9-Ball 1,21 mm × 1,16 mm 0,4 mm Pitch WCSP

APPLICATIONS
• Wireless or Cellular Handsets and PDAs
• Portable Navigation Devices
• General Portable Audio Devices

DESCRIPTION
The TPA2038D1 is a 3.2 W into 4-ohm (10% THD) high efficiency filter-free class-D audio power
amplifier. The GAIN pin sets gain to either 6 dB or
12 dB.
Features like 95% efficiency, 1.5 mA quiescent
current, 0.5 μA shutdown current, 81 dB PSRR,
20 μV output noise, and improved RF immunity make
the TPA2038D1 class-D amplifier ideal for cellular
handsets. A start-up time is within 4 ms with no turn-
on pop.
The TPA2038D1 is available in a 1.21 mm x
1.16 mm, 0.4 mm pitch wafer chip scale package
(WCSP).




Similar Part No. - TPA2038D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1YFFR TI1-TPA2038D1YFFR Datasheet
753Kb / 22P
3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1YFFT TI1-TPA2038D1YFFT Datasheet
753Kb / 22P
3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
More results


Similar Description - TPA2038D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com