Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADS1110 Datasheet (PDF) - Texas Instruments

ADS1110 Datasheet PDF - Texas Instruments
Part # ADS1110
Download  ADS1110 Download
File Size   791.57 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference

ADS1110 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1110 Datasheet PDF - Texas Instruments

Part # ADS1110
Download  ADS1110 Click to download

File Size   791.57 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference

ADS1110 Datasheet (HTML) - Texas Instruments


ADS1110 Product details

FEATURES
COMPLETE DATA ACQUISITION SYSTEM IN
A TINY SOT23-6 PACKAGE
ONBOARD REFERENCE:
Accuracy: 2.048V ±0.05%
Drift: 5ppm/°C
ONBOARD PGA
ONBOARD OSCILLATOR
16-BITS NO MISSING CODES
INL: 0.01% of FSR max
CONTINUOUS SELF-CALIBRATION
SINGLE-CYCLE CONVERSION
PROGRAMMABLE DATA RATE: 15SPS TO
240SPS
I2CINTERFACE—EIGHT AVAILABLE
ADDRESSES
POWER SUPPLY: 2.7V to 5.5V
LOW CURRENT CONSUMPTION: 240μA

APPLICATIONS
PORTABLE INSTRUMENTATION
INDUSTRIAL PROCESS CONTROL
SMART TRANSMITTERS
CONSUMER GOODS
FACTORY AUTOMATION
TEMPERATURE MEASUREMENT

DESCRIPTION
The ADS1110 is a precision, continuously self−calibrating
Analog-to-Digital (A/D) converter with differential inputs and
up to 16 bits of resolution in a small SOT23-6 package. The
onboard 2.048V reference provides an input range of
±2.048V differentially. The ADS1110 uses an I2C-compatible
serial interface and operates from a single power supply
ranging from 2.7V to 5.5V.
The ADS1110 can perform conversions at rates of 15, 30, 60,
or 240 samples per second. The onboard programmable
gain amplifier (PGA), which offers gains of up to 8, allows
smaller signals to be measured with high resolution. In
single-conversion mode, the ADS1110 automatically powers
down after a conversion, greatly reducing current
consumption during idle periods.
The ADS1110 is designed for applications requiring
high-resolution measurement, where space and power
consumption are major considerations. Typical applications
include portable instrumentation, industrial process control,
and smart transmitters.




Similar Part No. - ADS1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110 Datasheet
742Kb / 22P
16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI1-ADS1110 Datasheet
1Mb / 23P
16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110 Datasheet
1Mb / 24P
16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110 Datasheet
1Mb / 23P
16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
More results


Similar Description - ADS1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
ADS1110 TI1-ADS1110_14 Datasheet
1Mb / 24P
16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com