Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

4272 Datasheet (PDF) - Adafruit Industries

4272 Datasheet PDF - Adafruit Industries
Part # 4272
Download  4272 Download
File Size   911.6 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Slide Potentiometer with Plastic Knob - 45mm Long - 10KΩ

4272 Datasheet (PDF)

Go To PDF Page Download Datasheet
4272 Datasheet PDF - Adafruit Industries

Part # 4272
Download  4272 Click to download

File Size   911.6 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Slide Potentiometer with Plastic Knob - 45mm Long - 10KΩ

4272 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 4272

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4272 PEREGRINE-4272 Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Heyco.
4272 HEYCO-4272 Datasheet
93Kb / 1P
Nylon Kayak Clips
logo
Peregrine Semiconductor...
4272-00 PEREGRINE-4272-00 Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
4272-01 PEREGRINE-4272-01 Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
4272-02 PEREGRINE-4272-02 Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
More results


Similar Description - 4272

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PA16 VISHAY-PA16 Datasheet
127Kb / 5P
Knob Potentiometer
19-Dec-07
P16NM472MAB15 VISHAY-P16NM472MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
PA16NP103MAB15 VISHAY-PA16NP103MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
logo
Bourns Electronic Solut...
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
PTF Series Long Life Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
logo
Vishay Siliconix
P16S VISHAY-P16S Datasheet
106Kb / 5P
Knob Potentiometer with Switch
24-Sep-15
P16 VISHAY-P16 Datasheet
115Kb / 5P
Knob Potentiometer
17-Nov-17
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
Vishay Siliconix
P16S VISHAY-P16S_V01 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
P16 VISHAY-P16_V01 Datasheet
245Kb / 7P
Knob Potentiometer
14-Dec-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com