Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BM-08J88ND Datasheet (PDF) - BRIGHT LED ELECTRONICS CORP

BM-08J88ND Datasheet PDF - BRIGHT LED ELECTRONICS CORP
Part # BM-08J88ND
Download  BM-08J88ND Download
File Size   300.82 Kbytes
Page   4 Pages
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP
Description 0.8 inch (20.20mm) matrix height Low power requirement

BM-08J88ND Datasheet (PDF)

Go To PDF Page Download Datasheet
BM-08J88ND Datasheet PDF - BRIGHT LED ELECTRONICS CORP

Part # BM-08J88ND
Download  BM-08J88ND Click to download

File Size   300.82 Kbytes
Page   4 Pages
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP
Description 0.8 inch (20.20mm) matrix height Low power requirement

BM-08J88ND Datasheet (HTML) - BRIGHT LED ELECTRONICS CORP




Similar Part No. - BM-08J88ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-08288MD BRIGHT-BM-08288MD Datasheet
314Kb / 3P
20.20mm(0.8) matrix height 8횞8 dot matrix display
logo
Protech Systems Co., Lt...
BM-0852 PROTECHSYSTEMS-BM-0852 Datasheet
684Kb / 2P
Mini ITX MB supports Intel짰 Atom?
logo
BRIGHT LED ELECTRONICS ...
BM-08658MD BRIGHT-BM-08658MD Datasheet
354Kb / 3P
20.3mm (0.8) matrix height 5횞8 dot matrix display
BM-08688MD BRIGHT-BM-08688MD Datasheet
334Kb / 3P
0.8 inch (20.20mm) matrix height Low power requirement.
BM-08F58MD BRIGHT-BM-08F58MD Datasheet
371Kb / 3P
super red chips, which are made from AlGaAs on AlGaAs substrate.
More results


Similar Description - BM-08J88ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-11F88ND BRIGHT-BM-11F88ND Datasheet
259Kb / 3P
1.496 inch (38.00mm) matrix height Low power requirement.
BM-07457MD BRIGHT-BM-07457MD Datasheet
244Kb / 3P
0.7 inch (17.70mm) matrix height Low power requirement.
BM-08688MD BRIGHT-BM-08688MD Datasheet
334Kb / 3P
0.8 inch (20.20mm) matrix height Low power requirement.
BM-10257MD BRIGHT-BM-10257MD Datasheet
333Kb / 3P
1.54 inch (39.10mm) matrix height Low power requirement.
BM-22658MD BRIGHT-BM-22658MD Datasheet
340Kb / 3P
1.87 inch (47.50mm) matrix height Low power requirement.
BM-40458MD BRIGHT-BM-40458MD Datasheet
176Kb / 3P
4.78 inch (121.50mm) matrix height Low power requirement.
BM-40657MA BRIGHT-BM-40657MA Datasheet
276Kb / 3P
4.2 inch (106.20mm) matrix height Low power requirement.
BM-08288MD BRIGHT-BM-08288MD Datasheet
314Kb / 3P
20.20mm(0.8) matrix height 8횞8 dot matrix display
logo
Ningbo Foryard Optoelec...
FYM-7881AW-X5 FORYARD-FYM-7881AW-X5 Datasheet
508Kb / 5P
0.70 inch (20.20mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M07C881 BETLUX-BL-M07C881 Datasheet
367Kb / 5P
20.20mm (0.8) :u1.9 dot matrix LED display
REV NO: V.2
More results




About BRIGHT LED ELECTRONICS CORP


Bright LED Electronics Corp is a Taiwan-based company that specializes in the design and manufacturing of LED lighting products. The company offers a wide range of LED lighting solutions for various applications, including commercial, residential, industrial, and outdoor lighting.

Bright LED Electronics Corp's product portfolio includes LED bulbs, LED tubes, LED downlights, LED panel lights, LED floodlights, LED high bay lights, LED streetlights, and more. These products are designed to be energy-efficient, durable, and eco-friendly.

The company was founded in 2000 and is headquartered in New Taipei City, Taiwan. Bright LED Electronics Corp has a global presence and has established partnerships with distributors, retailers, and OEM customers in various regions, including North America, Europe, Asia, and the Middle East.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com