Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FAN2012EMPX Datasheet (PDF) - ON Semiconductor

FAN2012EMPX Datasheet PDF - ON Semiconductor
Part # FAN2012EMPX
Download  FAN2012EMPX Download
File Size   1087.57 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator

FAN2012EMPX Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN2012EMPX Datasheet PDF - ON Semiconductor

Part # FAN2012EMPX
Download  FAN2012EMPX Click to download

File Size   1087.57 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator

FAN2012EMPX Datasheet (HTML) - ON Semiconductor


FAN2012EMPX Product details

Features
 95% Efficiency, Synchronous Operation
 Adjustable Output Voltage from 0.8 V to 3.5 V
 4.5 V to 5.5 V Input Voltage Range
 Up to 1.5 A Output Current
 Fixed-Frequency 1.3 MHz PWM Operation
 Soft Start
 Excellent Load Transient Response
 3 x 3 mm, 6-Lead, MLP

Applications
 Hard Disk Drive
 Set-Top Box
 Point-of-Load Power
 Notebook Computer
 Communications Equipment

Description
The FAN2012 is a high-efficiency, low-noise, synchronous Pulse Width Modulated (PWM) currentmode DC-DC converter designed for low-voltage applications. It provides up to 1.5 A continuous-load current from the 4.5 V to 5.5 V input. The output voltage is adjustable over a wide range of 0.8 V to 3.5 V by means of an external voltage divider.
The FAN2012 has an “Enable Input” and the device can be put in shutdown mode, in which the ground current falls below 1 μA.
A current-mode control loop with a fast transient response ensures excellent line and load regulation. The fixed 1.3 MHz switching frequency enables designers to choose a small, inexpensive external inductor and capacitor. Filtering is easily accomplished with very small components.
Protection features include input under-voltage lockout, short-circuit protection, and thermal shutdown. Softstart limits inrush current during start-up conditions.
The device is available in a 3x3 mm 6-lead molded leadless package (MLP), making it possible to build a 1.5 A complete DC-DC converter in limited space on the printed circuit board (PCB).




Similar Part No. - FAN2012EMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2012 FAIRCHILD-FAN2012 Datasheet
240Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012 FAIRCHILD-FAN2012 Datasheet
617Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012 FAIRCHILD-FAN2012 Datasheet
622Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012I FAIRCHILD-FAN2012I Datasheet
240Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012I FAIRCHILD-FAN2012I Datasheet
617Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results


Similar Description - FAN2012EMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com