Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PBAR1AF5000N0S Datasheet (PDF) - APEM

PBAR1AF5000N0S Datasheet PDF - APEM
Part # PBAR1AF5000N0S
Download  PBAR1AF5000N0S Download
File Size   3708.7 Kbytes
Page   16 Pages
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM
Description Piezo switches

PBAR1AF5000N0S Datasheet (PDF)

Go To PDF Page Download Datasheet
PBAR1AF5000N0S Datasheet PDF - APEM

Part # PBAR1AF5000N0S
Download  PBAR1AF5000N0S Click to download

File Size   3708.7 Kbytes
Page   16 Pages
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM
Description Piezo switches

PBAR1AF5000N0S Datasheet (HTML) - APEM


PBAR1AF5000N0S Product details

GENERAL SPECIFICATIONS
Operating force : 2 to 6N
Torque : 2,5Nm min. - 3Nm max.




Similar Part No. - PBAR1AF5000N0S

ManufacturerPart #DatasheetDescription
logo
APEM
PBAR1AFB000A0BX APEM-PBAR1AFB000A0BX Datasheet
1Mb / 5P
ATEX approved piezo switches
PBAR1AFB000AX APEM-PBAR1AFB000AX Datasheet
1Mb / 5P
ATEX approved piezo switches
PBAR1AFB000MX APEM-PBAR1AFB000MX Datasheet
1Mb / 5P
ATEX approved piezo switches
More results


Similar Description - PBAR1AF5000N0S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPD1S2W4P ITT-KPD1S2W4P Datasheet
265Kb / 3P
Piezo Pulse Momentary Pushbutton Switches
logo
List of Unclassifed Man...
EFM-250 ETC2-EFM-250 Datasheet
167Kb / 1P
Piezo Buzzer
logo
Ningbo Foryard Optoelec...
EFM-250D FORYARD-EFM-250D Datasheet
45Kb / 1P
Piezo Buzzer
logo
Projects Unlimited, Inc...
SMT-1341-T-2-R PUI-SMT-1341-T-2-R Datasheet
197Kb / 1P
Transducer (Piezo)
SMT-1640-S-2-R PUI-SMT-1640-S-2-R Datasheet
250Kb / 1P
Transducer (Piezo)
SMT-2240-TW-R PUI-SMT-2240-TW-R Datasheet
225Kb / 1P
Transducer (Piezo)
logo
CUI INC
CPT-3526-L100 CUI-CPT-3526-L100 Datasheet
356Kb / 4P
PIEZO ELEMENT
CPT-3529-L100 CUI-CPT-3529-L100 Datasheet
363Kb / 4P
PIEZO ELEMENT
logo
Festo Corporation.
VEAE-BB-6-12-D9-X4 FESTO-VEAE-BB-6-12-D9-X4 Datasheet
89Kb / 2P
Piezo valve
VEMP-BS-3-16-D7-F-28T1 FESTO-VEMP-BS-3-16-D7-F-28T1 Datasheet
94Kb / 2P
Piezo valve
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com