Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM20136 Datasheet (PDF) - Texas Instruments

LM20136 Datasheet PDF - Texas Instruments
Part # LM20136
Download  LM20136 Download
File Size   1143.14 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20136 6A, Synchronous Buck Regulator with Input Synchronization

LM20136 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20136 Datasheet PDF - Texas Instruments

Part # LM20136
Download  LM20136 Click to download

File Size   1143.14 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20136 6A, Synchronous Buck Regulator with Input Synchronization

LM20136 Datasheet (HTML) - Texas Instruments


LM20136 Product details

1FEATURES
2• Input Voltage Range 2.95V to 5.5V
• Accurate Current Limit Minimizes Inductor
Size
• 97% Peak Efficiency
• Frequency Synchronization Pin
• 16mΩ and 20mΩ Integrated FET Switches
• Starts up Into Pre-biased Loads
• Output Voltage Tracking
• Peak Current Mode Control
• Adjustable Output Voltage Down to 0.8V
• Adjustable Soft-Start with External Capacitor
• Precision Enable Pin with Hysteresis
• Integrated OVP, UVLO, Power Good and
Thermal Shutdown
• 16-Pin HTSSOP exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Regulation from a 5V or 3.3V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure

DESCRIPTION
The LM20136 is a full featured synchronous buck
regulator capable of delivering up to 6A of continuous
output current. The current mode control loop can be
compensated to be stable with virtually any type of
output capacitor. For most cases, compensating the
device only requires two external components,
providing maximum flexibility and ease of use. The
device is optimized to work over the input voltage
range of 2.95V to 5.5V making it suitable for a wide
variety of low voltage systems.
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for
increased system reliability. A precision enable pin
and integrated UVLO allows the turn on of the device
to be tightly controlled and sequenced. Start-up
inrush currents are limited by both an internally fixed
and externally adjustable Soft-Start circuit. Fault
detection and supply sequencing are possible with
the integrated power good circuit.
The switching frequency of the LM20136 can be
synchronized to an external clock by use of the
SYNC pin. The SYNC pin is capable of synchronizing
to input signals ranging from 500 kHz to 1.5 MHz
The LM20136 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20136 is
pre-biased at startup it will not pull the ouput low.
The LM20136 is offered in a 16-pin HTSSOP
package with an exposed pad that can be soldered to
the PCB, eliminating the need for bulky heatsinks.




Similar Part No. - LM20136

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20136 TI-LM20136 Datasheet
1Mb / 32P
LM20136 6A, Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20136MH NSC-LM20136MH Datasheet
543Kb / 22P
6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20136MH/NOPB TI-LM20136MH/NOPB Datasheet
1Mb / 32P
LM20136 6A, Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20136MHE NSC-LM20136MHE Datasheet
543Kb / 22P
6A, Synchronous Buck Regulator with Input Synchronization
More results


Similar Description - LM20136

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Fairchild Semiconductor
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20134MH TI1-LM20134MH Datasheet
1Mb / 31P
LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
3A Synchronous Buck Regulator with Frequency Synchronization
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
3A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20136 TI-LM20136_15 Datasheet
1Mb / 32P
LM20136 6A, Synchronous Buck Regulator with Input Synchronization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com