Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPTIONS Datasheet (PDF) - Keysight Technologies

OPTIONS Datasheet PDF - Keysight Technologies
Part # OPTIONS
Download  OPTIONS Download
File Size   6758.74 Kbytes
Page   16 Pages
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies
Description Femto/Picoammeter and Electrometer/High Resistance Meter

OPTIONS Datasheet (PDF)

Go To PDF Page Download Datasheet
OPTIONS Datasheet PDF - Keysight Technologies

Part # OPTIONS
Download  OPTIONS Click to download

File Size   6758.74 Kbytes
Page   16 Pages
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies
Description Femto/Picoammeter and Electrometer/High Resistance Meter

OPTIONS Datasheet (HTML) - Keysight Technologies


OPTIONS Product details

B2980A Series Key Features
–– 0.01 fA (10-17 A) minimum measurement resolution and 2 pA to 20 mA current
–– measurement ranges with 6.5 digits resolution
–– < 20 μV burden voltage in its lowest current range
–– High speed reading rate up to 20,000 rdg/s
–– Battery operation models for line noise free measurements1
–– Built-in ± 1,000 V voltage source2
–– Measurement resistances up to 10 PΩ (1016 Ω)2
–– > 200 TΩ input impedance for up to 20 V voltage measurement2
–– Independent current and voltage measurement2
–– Charge measurement down to 2 nC range with 6.5 digits resolution2
–– Temperature and humidity measurements2
–– Graphical viewing modes (Meter, Graph, Histogram and Roll View)
–– Easy-to-use auto navigation to select optimal range and aperture
–– Optional Test Setup Integrity Checker function for noise source isolation
–– Versatile interface (USB 2.0: LAN, GPIB, LXI Core)
–– USB (front): store data, save/recall setup information
–– Free PC control software

Application Examples
–– Material science (Biomaterials, ceramics, elastomers, films, dielectric materials, electrochemical, ferroelectric materials, graphene, metals, organic materials, nanomaterials, polymers, semiconductors, etc.)
–– Devices & electronic components (capacitors, resistors, diodes, sensors, transistors including TFT and CNT, optoelectronics, solar cells, etc.)
–– Electronic/non-electronic systems (ion beam, electron beam, sensing systems, particle measurements, embedded precision instruments, etc.)




Similar Part No. - OPTIONS

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
OPTION020 BOARDCOM-OPTION020 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
OPTION300 BOARDCOM-OPTION300 Datasheet
123Kb / 6P
Gull Wing Surface Mount Option for Optocouplers
logo
Microchip Technology
OPTION_REG MICROCHIP-OPTION_REG Datasheet
3Mb / 222P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
2013
More results


Similar Description - OPTIONS

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B2985A KEYSIGHT-B2985A Datasheet
4Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
N1411B KEYSIGHT-N1411B Datasheet
4Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
N1414A KEYSIGHT-N1414A Datasheet
4Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
N1415A KEYSIGHT-N1415A Datasheet
4Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
N1416A KEYSIGHT-N1416A Datasheet
4Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
N1416B KEYSIGHT-N1416B Datasheet
4Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
B2981A KEYSIGHT-B2981A Datasheet
6Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
N1411A KEYSIGHT-N1411A Datasheet
6Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
N1419A KEYSIGHT-N1419A Datasheet
6Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
N1420A KEYSIGHT-N1420A Datasheet
6Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com