Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

784679 Datasheet (PDF) - TE Connectivity Ltd

784679 Datasheet PDF - TE Connectivity Ltd
Part # 784679
Download  784679 Download
File Size   491.72 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Micro MATE-N-LOK Connector System

784679 Datasheet (PDF)

Go To PDF Page Download Datasheet
784679 Datasheet PDF - TE Connectivity Ltd

Part # 784679
Download  784679 Click to download

File Size   491.72 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Micro MATE-N-LOK Connector System

784679 Datasheet (HTML) - TE Connectivity Ltd


784679 Product details

FEATURES AND BENEFITS
• Wire-to-wire and wire-to-board pin and
receptacle connector system
• Contacts are on 3 mm centerline spacing and
are available in strip form or loose piece
• Panel mount or free-hanging versions
• Dual beam receptacle contact design for
improved reliability
• PCB mount pin header assemblies available in
both vertical and right angle styles and surface
mount or through hole versions
• Available in low profile design (<4.7 mm)
• Discrete wire interconnect available in 2-12
position single row and 2-24 position dual row
• Housings available to accommodate 18 AWG
wire in select circuits up to 6 position
• UL, CSA & VDE approved

PRODUCT APPLICATIONS
• Household appliances
• Lighting
• Factory automation
• Data storage
• Gaming
• Vending
• Garage door openers
• Security systems




Similar Part No. - 784679

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
784679 TEC-784679 Datasheet
491Kb / 6P
Micro MATE-N-LOK Connector System
More results


Similar Description - 784679

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1445092-2 MACOM-2-1445092-2 Datasheet
495Kb / 6P
Micro MATE-N-LOK Connector System
2-1445092-3 MACOM-2-1445092-3 Datasheet
495Kb / 6P
Micro MATE-N-LOK Connector System
2-1445092-4 MACOM-2-1445092-4 Datasheet
495Kb / 6P
Micro MATE-N-LOK Connector System
2-1445092-5 MACOM-2-1445092-5 Datasheet
495Kb / 6P
Micro MATE-N-LOK Connector System
2-1445092-6 MACOM-2-1445092-6 Datasheet
495Kb / 6P
Micro MATE-N-LOK Connector System
2-1445092-7 MACOM-2-1445092-7 Datasheet
495Kb / 6P
Micro MATE-N-LOK Connector System
2-1445092-8 MACOM-2-1445092-8 Datasheet
495Kb / 6P
Micro MATE-N-LOK Connector System
2-1445092-9 MACOM-2-1445092-9 Datasheet
495Kb / 6P
Micro MATE-N-LOK Connector System
1-770872-1 MACOM-1-770872-1 Datasheet
546Kb / 6P
Mini-Universal MATE-N-LOK Connector System
1-794606-1 MACOM-1-794606-1 Datasheet
130Kb / 1P
CONTACT, RECEPTACLE, CRIMP, SNAP0IN, MICRO MATE-N-LOK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com