Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DAC8560 Datasheet (PDF) - Texas Instruments

DAC8560 Datasheet PDF - Texas Instruments
Part # DAC8560
Download  DAC8560 Download
File Size   1330.02 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC8560 16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter With 2.5-V, 2-ppm/°C Internal Reference

DAC8560 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8560 Datasheet PDF - Texas Instruments

Part # DAC8560
Download  DAC8560 Click to download

File Size   1330.02 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC8560 16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter With 2.5-V, 2-ppm/°C Internal Reference

DAC8560 Datasheet (HTML) - Texas Instruments


DAC8560 Product details

1 Features
1• Relative Accuracy: 4 LSB
• Glitch Energy: 0.15 nV-s
• MicroPower Operation: 510 μA at 2.7 V
• Internal Reference:
– 2.5-V Reference Voltage (Enabled by Default)
– 0.02% Initial Accuracy
– 2-ppm/°C Temperature Drift (Typical)
– 5-ppm/°C Temperature Drift (Maximum)
– 20-mA Sink/Source Capability
• Power-On Reset to Zero
• Power Supply: 2.7 V to 5.5 V
• 16-Bit Monotonic Over Temperature Range
• Settling Time: 10 μs to ±0.003% FSR
• Low-Power Serial Interface With Schmitt-
Triggered Inputs
• On-Chip Output Buffer Amplifier With Rail-to-Rail
Operation
• Power-Down Capability
• Drop-In Compatible With DAC8531/01 and
DAC8550 /51
• Temperature Range: –40°C to +105°C
• Available in a Tiny 8-Pin VSSOP Package

2 Applications
• Process Control
• Data Acquisition Systems
• Closed-Loop Servo-Control
• PC Peripherals
• Portable Instrumentation

3 Description
The DAC8560 is a low-power, voltage output, 16-bit
digital-to-analog converter (DAC). The DAC8560
includes a 2.5-V, 2-ppm/°C internal reference
(enabled by default), giving a full-scale output voltage
range of 0 V to 2.5 V. The internal reference has an
initial accuracy of 0.02% and can source up to 20 mA
at the VREF pin. The device is monotonic, provides
very good linearity, and minimizes undesired code-tocode
transient voltages (glitch). The DAC8560 uses a
versatile 3-wire serial interface that operates at clock
rates up to 30 MHz. It is compatible with standard
SPI, QSPI, Microwire, and digital-signal-processor
(DSP) interfaces.
The DAC8560 incorporates a power-on-reset (POR)
circuit that ensures the DAC output powers up at zero
scale and remains there until a valid code is written to
the device. The DAC8560 contains a power-down
feature, accessed over the serial interface, that
reduces the current consumption of the device to
1.2 μA at 5 V.
The low-power consumption, internal reference, and
small footprint make this device ideal for portable,
battery-operated equipment. The power consumption
is 2.6 mW at 5 V, reducing to 6 μW in power-down
mode.
The DAC8560 is available in an 8-pin VSSOP
package.




Similar Part No. - DAC8560

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8560A BURR-BROWN-DAC8560A Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8560B BURR-BROWN-DAC8560B Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8560C BURR-BROWN-DAC8560C Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8560D BURR-BROWN-DAC8560D Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results


Similar Description - DAC8560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564_15 Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
DAC8165 TI1-DAC8165_15 Datasheet
750Kb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com