Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FTR-B3 Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-B3 Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-B3
Download  FTR-B3 Download
File Size   409.84 Kbytes
Page   10 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description nullAULTRA MINITURE SIGNAL RELAY 2 POLE - 2A Low Profi le Relay

FTR-B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-B3 Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-B3
Download  FTR-B3 Click to download

File Size   409.84 Kbytes
Page   10 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description nullAULTRA MINITURE SIGNAL RELAY 2 POLE - 2A Low Profi le Relay

FTR-B3 Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-B3 Product details

FEATURES
APPLICATIONS
• DPDT 2c
• Ultra miniature low profi le relay with high heat resistant material
• Height: 5.25mm, weight: 0.85g, mounting space: 87mm2
• Adopted superior contact spring for high frequency characteristic
• Comply with Telcordia / FCC part 68
- Isolation distance: min. 1.6mm
- Dielectric strength between coil and contact: 1,500VAC
- Surge strength: 2,500V
• Low power: Non-latching: 140mW (230mW at 24V)
Latching: 100mW (120mW at 24V)
• High reliable bifurcated gold overlay silver contact
• UL, CSA recognized. Conforms to BSI, IEC60950-1
• RoHS compliant
• Plastic sealed
xDSL, modems, digital equipment (signal switching), STB (line switchig), car navigation system (audio switching)




Similar Part No. - FTR-B3

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-B3 FUJITSU-FTR-B3 Datasheet
1Mb / 11P
MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
FTR-B3 FUJITSU-FTR-B3 Datasheet
1Mb / 13P
ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B3-RF FUJITSU-FTR-B3-RF Datasheet
294Kb / 7P
ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
FTR-B3CA003Z FUJITSU-FTR-B3CA003Z Datasheet
1Mb / 13P
ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B3CA003Z-B10 FUJITSU-FTR-B3CA003Z-B10 Datasheet
1Mb / 11P
MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
More results


Similar Description - FTR-B3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSB-12 ETC-RSB-12 Datasheet
58Kb / 2P
2 Pole relay suitable for signal circuits
logo
fujitsu semiconductor
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
11 mm Low Profi le Encoder
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
Low Profi le Slide Potentiometer
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
Chassis mounting applications, low profi le
logo
Omron Electronics LLC
G6SU-2F-Y OMRON-G6SU-2F-Y Datasheet
1Mb / 9P
Compact, Industry-Standard 2-pole relay, designed to switch 2A Signal Loads.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com