Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FTR-F1L Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-F1L Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-F1L
Download  FTR-F1L Download
File Size   1930.03 Kbytes
Page   8 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 2 POLES – 8A Polarized Latching Relay

FTR-F1L Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-F1L Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-F1L
Download  FTR-F1L Click to download

File Size   1930.03 Kbytes
Page   8 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 2 POLES – 8A Polarized Latching Relay

FTR-F1L Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-F1L Product details

FEATURES
Low profile (height: 16.5mm)
High insulation
Insulation Distance (between coil and contacts): 8mm min.
Dielectric strength : 5,000 VAC
Surge strength : 10,000 V
Plastic sealed
Plastic materials:UL94 Flammability class V-0
Cadmium free relay
RoHS compliant




Similar Part No. - FTR-F1L

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F1LAA012R FUJITSU-FTR-F1LAA012R Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F1LCA012R FUJITSU-FTR-F1LCA012R Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F1LDAA012R FUJITSU-FTR-F1LDAA012R Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F1LDCA012R FUJITSU-FTR-F1LDCA012R Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
More results


Similar Description - FTR-F1L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
fujitsu semiconductor
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
JSL FUJITSU-JSL Datasheet
974Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com