Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CQB50W8-CMFC-D Datasheet (PDF) - CINCON ELECTRONICS Corporation

CQB50W8-CMFC-D Datasheet PDF - CINCON ELECTRONICS Corporation
Part # CQB50W8-CMFC-D
Download  CQB50W8-CMFC-D Download
File Size   872.25 Kbytes
Page   8 Pages
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation
Description CQB50W8 CMFC(D) SERIES

CQB50W8-CMFC-D Datasheet (PDF)

Go To PDF Page Download Datasheet
CQB50W8-CMFC-D Datasheet PDF - CINCON ELECTRONICS Corporation

Part # CQB50W8-CMFC-D
Download  CQB50W8-CMFC-D Click to download

File Size   872.25 Kbytes
Page   8 Pages
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation
Description CQB50W8 CMFC(D) SERIES

CQB50W8-CMFC-D Datasheet (HTML) - CINCON ELECTRONICS Corporation


CQB50W8-CMFC-D Product details

Features

Efficiency Up to 90%

Fixed Switching Frequency

Regulated Outputs

Remote On/Off

Low No Load Power Consumption

Fully Protected (OTP/OCP/OVP/UVLO)

3000Vac I/O Isolation

Operating Case Temperature -40 to +105℃

UL 62368-1 2nd (Reinforce Insulation) Approval
for DC Modules

EN 50155 for EMC, Environmental and Characteristic

Shock & Vibration EN 50155 (EN 61373) Compliant

Fire & Smoke EN 45545-2 Compliant

Safety Meets IEC/EN/UL 62368-1

Build-In EMI Filter

Chassis Mount, Baseplate Cooled




Similar Part No. - CQB50W8-CMFC-D

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CQB50W8-36S12 CINCON-CQB50W8-36S12 Datasheet
526Kb / 7P
50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB50W8-36S12-C CINCON-CQB50W8-36S12-C Datasheet
526Kb / 7P
50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB50W8-36S12N CINCON-CQB50W8-36S12N Datasheet
526Kb / 7P
50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB50W8-36S12N-C CINCON-CQB50W8-36S12N-C Datasheet
526Kb / 7P
50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB50W8-36S15 CINCON-CQB50W8-36S15 Datasheet
526Kb / 7P
50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
More results


Similar Description - CQB50W8-CMFC-D

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
D Series Heatsinks
logo
Vishay Siliconix
D109C20C0KH6.J5R VISHAY-D109C20C0KH6.J5R Datasheet
326Kb / 7P
D Series
07-Jan-10
D100J20C0GL6 VISHAY-D100J20C0GL6 Datasheet
295Kb / 6P
D Series
07-Jan-10
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Shenzhen SI Semiconduct...
BLD122D SISEMIC-BLD122D Datasheet
638Kb / 7P
NPN D SERIES TRANSISTORS
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
NPN D SERIES TRANSISTORS
BLD128DA SISEMIC-BLD128DA Datasheet
312Kb / 4P
NPN D SERIES TRANSISTORS
logo
Vishay Siliconix
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
D Series Power MOSFET
30-Apr-12
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
D Series Power MOSFET
23-Jun-14
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
D Series Power MOSFET
02-May-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com