Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IDT5V9885 Datasheet (PDF) - Integrated Device Technology

IDT5V9885 Datasheet PDF - Integrated Device Technology
Part # IDT5V9885
Download  IDT5V9885 Download
File Size   357.59 Kbytes
Page   37 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR

IDT5V9885 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT5V9885 Datasheet PDF - Integrated Device Technology

Part # IDT5V9885
Download  IDT5V9885 Click to download

File Size   357.59 Kbytes
Page   37 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR

IDT5V9885 Datasheet (HTML) - Integrated Device Technology


IDT5V9885 Product details

DESCRIPTION:

The IDT5V9885 is a programmable clock generator intended for high performance data-communications, telecommunications, consumer, and networking applications. There are three internal PLLs, each individually programmable, allowing for three unique non-integer-related frequencies. The frequencies are generated from a single reference clock. The reference clock can come from one of the two redundant clock inputs. A glitchless automatic or manual switchover function allows any one of the redundant clocks to be selected during normal operation.

The IDT5V9885 can be programmed through the use of the I2C or JTAG interfaces. The programming interface enables the device to be programmed when it is in normal operation or what is commonly known as in system programmable. An internal EEPROM allows the user to save and restore the configuration of the device without having to reprogram it on power-up. JTAG boundary scan is also implemented.



FEATURES:

• Three internal PLLs

• Internal non-volatile EEPROM

• JTAG and FAST mode I2C serial interfaces

• Input Frequency Ranges: 1MHz to 400MHz

• Output Frequency Ranges: 4.9kHz to 500MHz

• Reference Crystal Input with programmable oscillator gain and programmable linear load capacitance

   − Crystal Frequency Range: 8MHz to 50MHz

• Each PLL has an 8-bit pre-scaler and a 12-bit feedback-divider

• 10-bit post-divider blocks

• Fractional Dividers

• Two of the PLLs support Spread Spectrum Generation capability

• I/O Standards:

   − Outputs - 3.3V LVTTL/ LVCMOS, LVPECL, and LVDS

   − Inputs - 3.3V LVTTL/ LVCMOS

• Programmable Slew Rate Control

• Programmable Loop Bandwidth Settings

• Programmable output inversion to reduce bimodal jitter

• Redundant clock inputs with glitchless auto and manual switchover options

• JTAG Boundary Scan

• Individual output enable/disable

• Power-down mode

• 3.3V VDD

• Available in TQFP and VFQFPN packages



 




Similar Part No. - IDT5V9885

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885BNLGI IDT-IDT5V9885BNLGI Datasheet
333Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885BPFGI IDT-IDT5V9885BPFGI Datasheet
333Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Similar Description - IDT5V9885

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V9885T RENESAS-IDT5V9885T Datasheet
750Kb / 40P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
SEPT. 2011
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com