Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P26744EAATRHBRQ1 Datasheet (PDF) - Texas Instruments

P26744EAATRHBRQ1 Datasheet PDF - Texas Instruments
Part # P26744EAATRHBRQ1
Download  P26744EAATRHBRQ1 Download
File Size   1544.55 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS26744E-Q1 Automotive Dual-Port USB Type-C® PD Controller with 240W EPR and DisplayPort™ overUSB Type-C®

P26744EAATRHBRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
P26744EAATRHBRQ1 Datasheet PDF - Texas Instruments

Part # P26744EAATRHBRQ1
Download  P26744EAATRHBRQ1 Click to download

File Size   1544.55 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS26744E-Q1 Automotive Dual-Port USB Type-C® PD Controller with 240W EPR and DisplayPort™ overUSB Type-C®

P26744EAATRHBRQ1 Datasheet (HTML) - Texas Instruments


P26744EAATRHBRQ1 Product details

1 Features
• AEC-Q100 test guidance with the following:
– Device temperature grade 1: -40oC to 125oC
ambient operating temperature range
– Device HBM ESD classification level:
• Level 2 and level 3A
– Device CDM ESD classification level:
• Level C2a and C2b
• TPS26744E-Q1 is a fully configurable dual-port
PD3.2 source controller.
– Extended power range (EPR) support
– 40V tolerant VBUS
– 24V tolerant CC and DP/DM pins
– GUI tool to easily configure for various
applications
– Programmable power supply (PPS) support
(source)
• USB Type-C power delivery (PD) controller
– USB-IF certified (TID # 14058)
– USB PD R3.2 compliant
– USB Type-C R2.4 compliant
– DisplayPort alternate mode support
– 20 configurable GPIOs
– Cable attach and orientation detection
– Integrated VCONN switch. No external supply
required to read eMarker
– Physical layer and policy engine
– Integrated LDO with input up to 40V
– One I2C controller port (I2C2)
– Two I2C target ports (I2C1, I2C3)
– UART and LIN support
– Closed-chassis debugging
• Integrated flash memory supporting updates via
I2C gated by an authentication check
– Closed-chassis flash updates via I2C4
• System power management
– Across multiple ports and multiple devices
– Thermal foldback
– Power foldback
• Liquid detection and corrosion mitigation

2 Applications
• Automotive USB charging
• Automotive media hub
• Automotive head unit
• Automotive display module

3 Description
The TPS26744E-Q1 is a stand-alone dual-port
USB Type-C and power delivery (PD) source
controller for any automotive USB-C port application
including extended power range (EPR) voltages. The
TPS26744E-Q1 is capable of supporting all USBPD
power supply negotiation options for standard
power range (SPR) and EPR. The TPS26744E-Q1
automatically identifies USB-C cable capabilities, and
adjusts for the maximum current allowed by the cable,
without requiring an external 5V supply for VCONN.
The TPS26744E-Q1 supports DisplayPort over USBC
and legacy D+/D- charging.
The TPS26744E-Q1 controls a DC/DC via I2C or
PWM to achieve a complete USB-C PD application.
The TPS26744E-Q1 has SYNC outputs to keep
external DC/DC switching out-of-phase for each port,
with dual-random spread-spectrum (DRSS).
The TPS26744E-Q1 has integrated protections for
thermal and input voltage monitoring for power
foldback, VBUS high/low monitoring, and liquid
detection along with corrosion mitigation.
The TPS26744E-Q1 also supports USB-C Alternate
Modes such as DisplayPort. The TPS26744E-Q1
offers multiple interface options for the system
including I2C and LIN support, along with configurable
GPIOs.




Similar Part No. - P26744EAATRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P26744EAATRHBRQ1 TI2-P26744EAATRHBRQ1 Datasheet
2Mb / 65P
TPS26744E-Q1 Automotive Dual-Port USB Type-C® PD Controller with 240W EPR and DisplayPortTM over USB Type-C®
APRIL 2025
More results


Similar Description - P26744EAATRHBRQ1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Texas Instruments
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Texas Instruments
TPS25762-Q1 TI-TPS25762-Q1 Datasheet
10Mb / 88P
TPS25762-Q1 Automotive USB Type-C® Power Delivery Controller with Buck-Boost Regulator
DECEMBER 2022
TPS25772-Q1 TI-TPS25772-Q1_V01 Datasheet
10Mb / 90P
TPS25772-Q1 Automotive Dual USB Type-C® Power Delivery Controller with Buck- Boost Regulator
DECEMBER 2022
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Richtek Technology Corp...
RTQ7880A-QT RICHTEK-RTQ7880A-QT Datasheet
340Kb / 25P
USB Type-C PD and PWM Buck-Boost Controller with AnyPowerTM and PD Safe® Features
September 2021
logo
Texas Instruments
TPS25762-Q1 TI-TPS25762-Q1_V01 Datasheet
11Mb / 93P
TPS25762-Q1 Automotive USB Type-C® Power Delivery Controller with Buck-Boost Regulator
REVISED SEPTEMBER 2023
TPS25772-Q1 TI-TPS25772-Q1_V02 Datasheet
11Mb / 94P
TPS25772-Q1 Automotive Dual USB Type-C® Power Delivery Controller with Buck- Boost Regulator
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com