Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AGS1500-500-500 Datasheet (PDF) - AEROTECH US. ALL RIGHTS RESERVED.

AGS1500-500-500 Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.
Part # AGS1500-500-500
Download  AGS1500-500-500 Download
File Size   604.12 Kbytes
Page   5 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Linear Motor Gantries

AGS1500-500-500 Datasheet (PDF)

Go To PDF Page Download Datasheet
AGS1500-500-500 Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.

Part # AGS1500-500-500
Download  AGS1500-500-500 Click to download

File Size   604.12 Kbytes
Page   5 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Linear Motor Gantries

AGS1500-500-500 Datasheet (HTML) - AEROTECH US. ALL RIGHTS RESERVED.


AGS1500-500-500 Product details

Optimized design for precise contouring in a
compact footprint
Velocity to 3 m/s and acceleration to 5 g
High power brushless linear servomotors for
smooth motion
Travels up to 500 mm X 500 mm available
Optional electroless nickel for ESD protection
Customizable Z and θ axes for flexible
configurations
Noncontact linear encoders
Configurable cable management system allows
for integration of fiber lasers, cameras, air
lines, etc. for multiple applications




Similar Part No. - AGS1500-500-500

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
AGS15000-1000-1000 AEROTECH-AGS15000-1000-1000 Datasheet
1Mb / 6P
Linear Motor Gantries
AGS15000-1250-1250 AEROTECH-AGS15000-1250-1250 Datasheet
1Mb / 6P
Linear Motor Gantries
AGS15000-500-500 AEROTECH-AGS15000-500-500 Datasheet
1Mb / 6P
Linear Motor Gantries
AGS15000-750-750 AEROTECH-AGS15000-750-750 Datasheet
1Mb / 6P
Linear Motor Gantries
More results


Similar Description - AGS1500-500-500

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
2H56A ECE-2H56A Datasheet
145Kb / 1P
Stepping Motor Linear
logo
Nippon Pulse America, I...
L250XS NPM-L250XS Datasheet
997Kb / 4P
Linear Shaft Motor
L350XS NPM-L350XS Datasheet
850Kb / 4P
Linear Shaft Motor
S080 NPM-S080 Datasheet
821Kb / 4P
Linear Shaft Motor
S160 NPM-S160 Datasheet
817Kb / 4P
Linear Shaft Motor
S200 NPM-S200 Datasheet
872Kb / 5P
Linear Shaft Motor
S250 NPM-S250 Datasheet
904Kb / 5P
Linear Shaft Motor
S350 NPM-S350 Datasheet
878Kb / 5P
Linear Shaft Motor
logo
Vybronics Inc
VL120628H VYBRONICS-VL120628H Datasheet
1Mb / 10P
LINEAR VIBRATION MOTOR
2020.12.01
VLV200634A VYBRONICS-VLV200634A Datasheet
1Mb / 12P
Linear Vibration Motor
2022.06.24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com