Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SGM2005 Datasheet (PDF) - SG Micro Corp

SGM2005 Datasheet PDF - SG Micro Corp
Part # SGM2005
Download  SGM2005 Download
File Size   525.86 Kbytes
Page   10 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description Low Power, Low Dropout, 150mA, RF - Linear Regulators

SGM2005 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM2005 Datasheet PDF - SG Micro Corp

Part # SGM2005
Download  SGM2005 Click to download

File Size   525.86 Kbytes
Page   10 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description Low Power, Low Dropout, 150mA, RF - Linear Regulators

SGM2005 Datasheet (HTML) - SG Micro Corp


SGM2005 Product details

GENERAL DESCRIPTION
The SGM2005 series low-power, low-noise, low-dropout, CMOS linear voltage regulators operate from a 2.5V to 5.5V input and deliver up to 150mA. They are the perfect choice for low voltage, low power applications. An ultra low ground current ( 150µA at 150mA output ) makes these parts attractive for battery operated power systems.

FEATURES
- Low Output Noise: 30µVRMS typ(10Hz to 100KHz)
- Ultra-Low Dropout Voltage: 150mV at 150mA output
- Low 77µA No-Load Supply Current
- Low 150µA Operating Supply Current at 150mA Output
- High PSRR: 73dB at 1KHz
- Thermal-Overload Protection
- Output Current Limit
- Preset Output Voltages (± 2.7% Accuracy)
- 10nA Logic-Controlled Shutdown
- Available in Multiple Output Voltage Versions Fixed Outputs of 1.8V, 2.5V, 2.8V, 3.0V and 3.3V

APPLICATIONS
    Cellular Telephones
    Cordless Telephones
    PCS Telephones
    PCMCIA Cards
    Modems
    MP3 Player
    Hand-Held Instruments
    Palmtop Computers
    Electronic Planners
    Portable/Battery-Powered Equipment




Similar Part No. - SGM2005

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006-1.8 SGMICRO-SGM2006-1.8 Datasheet
580Kb / 11P
Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006-1.8XN5/TR SGMICRO-SGM2006-1.8XN5/TR Datasheet
580Kb / 11P
Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006-2.5 SGMICRO-SGM2006-2.5 Datasheet
580Kb / 11P
Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006-2.5XN5/TR SGMICRO-SGM2006-2.5XN5/TR Datasheet
580Kb / 11P
Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Similar Description - SGM2005

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
150mA, Low Power, Low Dropout, Linear Regulators
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
150mA, Low Power, Low Noise Low Dropout, Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
Dual, Low Dropout, 150mA RF - Linear Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
150mA Low-Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com