Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P271-DF52AR Datasheet (PDF) - TT Electronics.

P271-DF52AR Datasheet PDF - TT Electronics.
Part # P271-DF52AR
Download  P271-DF52AR Download
File Size   1145.29 Kbytes
Page   7 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Panel Potentiometer

P271-DF52AR Datasheet (PDF)

Go To PDF Page Download Datasheet
P271-DF52AR Datasheet PDF - TT Electronics.

Part # P271-DF52AR
Download  P271-DF52AR Click to download

File Size   1145.29 Kbytes
Page   7 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Panel Potentiometer

P271-DF52AR Datasheet (HTML) - TT Electronics.


P271-DF52AR Product details

Features:
•1,000,000 Cycle Life
•Sealed unit available
•Conductive Plastic element
•Dual Gang available
•Center Tap available
•Several electrical angles available to cross to Honeywell 380, RV4,485, 53C and 385 Series
•Meets MIL-PRF-94 requirements.

Description:
27,8mm Diameter Conductive Plastic Potentiometer for Heavy Duty Applications and Long Life

Applications:
•Machine Controls
•Welding equipment
•Foot pedal controls




Similar Part No. - P271-DF52AR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P271 BITECH-P271 Datasheet
290Kb / 3P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P271 BITECH-P271 Datasheet
158Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Microsemi Corporation
P2715 MICROSEMI-P2715 Datasheet
135Kb / 2P
GaAs Flip Chip PIN Diodes
logo
Kemet Corporation
P271CE102M250A KEMET-P271CE102M250A Datasheet
1Mb / 13P
PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P271EE102M250A KEMET-P271EE102M250A Datasheet
1Mb / 13P
PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
More results


Similar Description - P271-DF52AR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
Power Panel Potentiometer
05-Jun-08
logo
TT Electronics.
P08X TTELEC-P08X Datasheet
1Mb / 7P
Panel Potentiometer
P09X TTELEC-P09X Datasheet
976Kb / 6P
Panel Potentiometer
P090 TTELEC-P090 Datasheet
546Kb / 3P
Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
Power Panel 6 W Potentiometer
04-Jul-17
logo
CTS Corporation
09VR CTS-09VR Datasheet
1Mb / 7P
9mm Panel Potentiometer
11VR CTS-11VR Datasheet
1Mb / 8P
11mm Panel Potentiometer
14VR CTS-14VR Datasheet
922Kb / 5P
14mm Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
Power Panel 6 W Potentiometer
12-Dec-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com