Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118706-2 Datasheet (PDF) - TE Connectivity Ltd

2118706-2 Datasheet PDF - TE Connectivity Ltd
Part # 2118706-2
Download  2118706-2 Download
File Size   2788.89 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Standard and Custom Board Level Shielding

2118706-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
2118706-2 Datasheet PDF - TE Connectivity Ltd

Part # 2118706-2
Download  2118706-2 Click to download

File Size   2788.89 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Standard and Custom Board Level Shielding

2118706-2 Datasheet (HTML) - TE Connectivity Ltd


2118706-2 Product details

TE CONNECTIVITY BLS ADVANTAGE
• NEW standard portfolio on-demand in CRS and aluminum material
• Proven designed-in features
• Core competencies of stamping, plating and automation for more than 50 years
• Rapid turn tooling/prototyping within each region (3-5 day)
• Streamlined, automated and continuous production line
• Local FAE support
• Complex custom high volume support
• In house EMI expertise
• One of the largest suppliers of connectivity solutions addressing a range of industries
• Global scale and low cost manufacturing
• Broad portfolio enables vendor reduction for your project

APPLICATIONS:
Anywhere board level EMI suppression is needed, including:
• Mobile phones & Tablets
• 2-in-1 notebooks
• Game consoles
• Routers (commercial & enterprise)
• Point of Sale (POS) equipment
• Wireless meters
• Wireless speakers
• Wearables & IoT
• Drones
• Virtual Reality (VR) headsets
• Femto cel

DESIGN DIMENSIONS *
• Minimum size: 5mm(L) x 5mm(W) x 0.80mm(H)
• Maximum size: 100mm(L) x 100mm(W) x 5mm(H)

PACKAGING
• Tape & reel
• Vacuum formed tray




Similar Part No. - 2118706-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2118706-2 TEC-2118706-2 Datasheet
137Kb / 3P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 2118706-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN650 ETC1-MN650 Datasheet
36Kb / 1P
EFD, Standard Custom Packages
L3020 ETC2-L3020 Datasheet
70Kb / 2P
STANDARD AND CUSTOM
logo
Nell Semiconductor Co.,...
12T NELLSEMI-12T Datasheet
659Kb / 7P
Snubberless, Logic Level and Standard
16T NELLSEMI-16T Datasheet
661Kb / 7P
Snubberless, Logic Level and Standard
logo
List of Unclassifed Man...
1344171 ETC2-1344171 Datasheet
93Kb / 2P
Shielding and Bonding Cable.
1345387 ETC2-1345387 Datasheet
93Kb / 2P
Shielding and Bonding Cable.
1351630 ETC2-1351630 Datasheet
92Kb / 2P
Shielding and Bonding Cable.
1351692 ETC2-1351692 Datasheet
93Kb / 2P
Shielding and Bonding Cable
logo
TE Connectivity Ltd
7-1773452-8 TEC-7-1773452-8 Datasheet
9Mb / 18P
STANDARD AND CUSTOM ANTENNAS FOR IOT
logo
Orbel Corporation
EZ-MATRIXX ORBEL-EZ-MATRIXX Datasheet
658Kb / 1P
EZ-MatrixxTM Board Level Shielding
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com