Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LX803MBRP Datasheet (PDF) - Littelfuse

LX803MBRP Datasheet PDF - Littelfuse
Part # LX803MBRP
Download  LX803MBRP Download
File Size   1496.53 Kbytes
Page   9 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description EV Series 0.8 A Sensitive TRIACs

LX803MBRP Datasheet (PDF)

Go To PDF Page Download Datasheet
LX803MBRP Datasheet PDF - Littelfuse

Part # LX803MBRP
Download  LX803MBRP Click to download

File Size   1496.53 Kbytes
Page   9 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description EV Series 0.8 A Sensitive TRIACs

LX803MBRP Datasheet (HTML) - Littelfuse


LX803MBRP Product details

Description
The LX8 is a solid-state switch series offering direct interface
to microprocessor drivers in an economical TO-92 and surface
mount packages. The die voltage blocking junctions are glasspassivated
to ensure long term reliability and parametric stability.

Features
■ RoHS compliant and
halogen-free
■ Through-hole and surface
mount packages
■ Static dv/dt > 10 V/μs
■ Blocking voltage (VDRM)
capability up to 600 V
■ Surge current capability
> 9.5 A

Applications
The LX8 EV Series is especially designed for low current
applications such as heating controls in hair care products, as
well as replacement of mechanical switch contacts where long
life is required.




Similar Part No. - LX803MBRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LX803ME LITTELFUSE-LX803ME Datasheet
257Kb / 8P
New 0.8 Amp bi-directional solid state switch series offering direct
LX803MT LITTELFUSE-LX803MT Datasheet
257Kb / 8P
New 0.8 Amp bi-directional solid state switch series offering direct
More results


Similar Description - LX803MBRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S6002ES LITTELFUSE-S6002ES Datasheet
597Kb / 11P
EV Series 2 A Sensitive SCRs
Revised: 5/6/2021
L0103DTRP LITTELFUSE-L0103DTRP Datasheet
1Mb / 8P
Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
Standard 0.8 A Triacs
19-Jun-2014
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com