Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NTB5605PT4G Datasheet (PDF) - Inchange Semiconductor Company Limited

NTB5605PT4G Datasheet PDF - Inchange Semiconductor Company Limited
Part # NTB5605PT4G
Download  NTB5605PT4G Download
File Size   388.6 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Trench P-Channel MOSFET

NTB5605PT4G Datasheet (PDF)

Go To PDF Page Download Datasheet
NTB5605PT4G Datasheet PDF - Inchange Semiconductor Company Limited

Part # NTB5605PT4G
Download  NTB5605PT4G Click to download

File Size   388.6 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Trench P-Channel MOSFET

NTB5605PT4G Datasheet (HTML) - Inchange Semiconductor Company Limited


NTB5605PT4G Product details

FEATURES
· Drain Current -ID= -18.5A@ TC=25℃
· Drain Source Voltage -VDSS= -60V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 140mΩ(Max)@VGS= -5V
APPLICATIONS
· Power Supplies
· Converters
· PWM Motor Control




Similar Part No. - NTB5605PT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB5605PT4G ONSEMI-NTB5605PT4G Datasheet
70Kb / 7P
Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
More results


Similar Description - NTB5605PT4G

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ001SF AUK-STJ001SF Datasheet
448Kb / 8P
P-channel Trench MOSFET
STJ004SF AUK-STJ004SF Datasheet
361Kb / 8P
P-channel Trench MOSFET
STJ009 AUK-STJ009 Datasheet
337Kb / 8P
P-channel Trench MOSFET
SUF3001 AUK-SUF3001 Datasheet
338Kb / 8P
Dual P-channel Trench MOSFET
logo
NXP Semiconductors
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
20 V, P-channel Trench MOSFET
10 March 2014
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
20 V, P-channel Trench MOSFET
27 November 2014
logo
Unisonic Technologies
UTC606P-H UTC-UTC606P-H Datasheet
169Kb / 3P
P-CHANNEL 1.8V TRENCH MOSFET
logo
Shanghai Leiditech Elec...
LM4148 LEIDITECH-LM4148 Datasheet
697Kb / 5P
P-Channel Trench MOSFET
LM8S18P04 LEIDITECH-LM8S18P04 Datasheet
922Kb / 5P
P-Channel Trench MOSFET
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com