Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PJF08N70N Datasheet (PDF) - Potens Semiconductor Corp.

PJF08N70N Datasheet PDF - Potens Semiconductor Corp.
Part # PJF08N70N
Download  PJF08N70N Download
File Size   1140.94 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 700V N-Channel MOSFETs

PJF08N70N Datasheet (PDF)

Go To PDF Page Download Datasheet
PJF08N70N Datasheet PDF - Potens Semiconductor Corp.

Part # PJF08N70N
Download  PJF08N70N Click to download

File Size   1140.94 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 700V N-Channel MOSFETs

PJF08N70N Datasheet (HTML) - Potens Semiconductor Corp.


PJF08N70N Product details

Features
- 700V,8A, RDS(ON) =600mΩ@VGS = 10V
- Improved dv/dt capability
- Fast switching
- PFC Power Supply Stages
- DC-DC Converters
- Adapter

Applications
- Motor Control




Similar Part No. - PJF08N70N

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PJF08N60D POTENS-PJF08N60D Datasheet
1Mb / 5P
600V N-Channel MOSFETs
Ver.1.00
PJF08N65N POTENS-PJF08N65N Datasheet
965Kb / 5P
650V N-Channel MOSFETs
Ver.1.01
More results


Similar Description - PJF08N70N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
700V N-Channel MOSFET
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
700V N-Channel MOSFET
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
700V N-Channel MOSFET
logo
Bruckewell Technology L...
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
700V N-Channel MOSFET
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
700V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com