Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP18N20FPT Datasheet (PDF) - A POWER MICROELECTRONICS

AP18N20FPT Datasheet PDF - A POWER MICROELECTRONICS
Part # AP18N20FPT
Download  AP18N20FPT Download
File Size   756.78 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 200V N-Channel Enhancement Mode MOSFET

AP18N20FPT Datasheet (PDF)

Go To PDF Page Download Datasheet
AP18N20FPT Datasheet PDF - A POWER MICROELECTRONICS

Part # AP18N20FPT
Download  AP18N20FPT Click to download

File Size   756.78 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 200V N-Channel Enhancement Mode MOSFET

AP18N20FPT Datasheet (HTML) - A POWER MICROELECTRONICS


AP18N20FPT Product details

Features
- VDS = 200V ID =18A
- RDS(ON) < 150mΩ @ VGS=10V (Type:120mΩ)

Applications
- Uninterruptible Power Supply(UPS)
- Power Factor Correction (PFC)




Similar Part No. - AP18N20FPT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP18N20AGS-HF A-POWER-AP18N20AGS-HF Datasheet
63Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP18N20AGS-HF A-POWER-AP18N20AGS-HF_14 Datasheet
63Kb / 4P
Simple Drive Requirement
logo
A POWER MICROELECTRONIC...
AP18N20D APME-AP18N20D Datasheet
1Mb / 7P
200V N-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP18N20GH-HF A-POWER-AP18N20GH-HF Datasheet
105Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP18N20GH-HF A-POWER-AP18N20GH-HF Datasheet
104Kb / 5P
Fast Switching Characteristics
More results


Similar Description - AP18N20FPT

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY18N20D HY-HY18N20D Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN20B28KTC DIODES-ZXMN20B28KTC Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN20B28K DIODES-ZXMN20B28K_15 Datasheet
657Kb / 8P
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Shenzhen Huazhimei Semi...
HM2N20MR HMSEMI-HM2N20MR Datasheet
928Kb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMAK18N20 LEIDITECH-LMAK18N20 Datasheet
1Mb / 6P
200V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJU18N20 PANJIT-PJU18N20 Datasheet
1Mb / 8P
200V N-Channel Enhancement Mode MOSFET
July 18,2017-REV.00
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
STD5N20LT4-TP TECHPUBLIC-STD5N20LT4-TP Datasheet
2Mb / 5P
200V N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com