Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISO6441 Datasheet (PDF) - Texas Instruments

ISO6441 Datasheet PDF - Texas Instruments
Part # ISO6441
Download  ISO6441 Download
File Size   3307.72 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO644x General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators

ISO6441 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO6441 Datasheet PDF - Texas Instruments

Part # ISO6441
Download  ISO6441 Click to download

File Size   3307.72 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO644x General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators

ISO6441 Datasheet (HTML) - Texas Instruments


ISO6441 Product details

1 Features
• Functional Safety-Capable (Planned)
– Documentation available to aid IEC 61508
system design
• Up to 150Mbps data rate
• Robust SiO2 isolation barrier:
– High lifetime at up to 1061VRMS and 1500VDC
working voltage
– Up to 5000VRMS isolation rating
– Up to 10.4kV surge capability
– Up to ±200kV/μs minimum CMTI
– Wide temperature range: –40°C to 125°C
ambient operating
• Supply range: 2.25V to 5.5V
• Overvoltage Tolerant Inputs
• Default output high ( ISO644x ) and low
( ISO644xF ) options
• Low propagation delay: 10ns maximum at 5V,
12ns maximum at 3.3V
• Supports SPI up to: 25MHz at 5V, 20.8MHz at
3.3V
• Low pulse width distortion: 1.8ns maximum at 5V,
2.2ns maximum at 3.3V
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– Low emissions
• Wide-SOIC (DW-16) Package
• Wide-SSOP (DFP-16) Package
• SSOP (DBQ-16) Package
• Safety-Related Certifications (Planned):
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 62368-1, IEC 61010-1, IEC 60601-1 and
GB 4943.1 certifications

2 Applications
• Power supplies
• Grid, Electricity meter
• Motor drives
• Factory automation
• Building automation
• Lighting
• Appliances

3 Description
The ISO644x devices are general purpose digital
isolators designed for applications requiring up to
5000VRMS isolation rating per UL 1577. The devices
are also certified by VDE, TUV, CSA, and CQC.
The ISO644x devices provide high EMC performance
while isolating CMOS or LVCMOS digital I/Os.
ISO644x uses SiO2 as the isolation barrier. Each
isolation channel has a logic input and output buffer
separated by the insulation barrier. These devices
come with enable pins that can be used to put the
respective outputs in high impedance.
The ISO6440 and ISO6440F devices have all
channels in the forward direction. The ISO6441
and ISO6441F devices have one reverse-direction
channel. The ISO6442 and ISO6442F devices have
two reverse-direction channels.
In the event of input power or signal loss, the default
output is high for devices without the suffix F and
low for devices with the suffix F. See the Device
Functional Modes section for further details.




Similar Part No. - ISO6441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6441 TI1-ISO6441 Datasheet
1Mb / 36P
ISO644x General-Purpose, Reinforced, Quad-Channel Digital Isolators With Robust EMC
SEPTEMBER 2024
ISO6441 TI2-ISO6441 Datasheet
3Mb / 56P
ISO644x General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
REVISED NOVEMBER 2025
ISO6441 TI2-ISO6441 Datasheet
2Mb / 44P
ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
APRIL 2026
ISO6441 TI2-ISO6441 Datasheet
3Mb / 56P
ISO644x General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
REVISED NOVEMBER 2025
ISO6441-Q1 TI2-ISO6441-Q1 Datasheet
2Mb / 44P
ISO644x-Q1 General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
APRIL 2026
More results


Similar Description - ISO6441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7740 TI1-ISO7740_V01 Datasheet
2Mb / 49P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO6720-Q1 TI-ISO6720-Q1 Datasheet
2Mb / 48P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1_V01 Datasheet
2Mb / 51P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6740-Q1 TI-ISO6740-Q1 Datasheet
3Mb / 46P
ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO6731 TI-ISO6731_V01 Datasheet
2Mb / 40P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1_V02 Datasheet
4Mb / 54P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6740-Q1 TI-ISO6740-Q1_V01 Datasheet
3Mb / 46P
ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
ISO7740 TI-ISO7740_V02 Datasheet
2Mb / 52P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO6720-Q1 TI-ISO6720-Q1_V03 Datasheet
4Mb / 58P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Automotive Digital Isolators with Robust EMC
NOVEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com