Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

9FGV1006C Datasheet (PDF) - Renesas Technology Corp

9FGV1006C Datasheet PDF - Renesas Technology Corp
Part # 9FGV1006C
Download  9FGV1006C Download
File Size   1167.03 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen1–7 Low-Power Programmable PhiClock™ Generators

9FGV1006C Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGV1006C Datasheet PDF - Renesas Technology Corp

Part # 9FGV1006C
Download  9FGV1006C Click to download

File Size   1167.03 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen1–7 Low-Power Programmable PhiClock™ Generators

9FGV1006C Datasheet (HTML) - Renesas Technology Corp


9FGV1006C Product details

▪ 1.8V, 2.5V or 3.3V core power supplies
▪ Individual 1.8V, 2.5V or 3.3V VDDO for each output pair
▪ -40°C to +85°C operation – standard product
▪ -40°C to +105°C operation – 9FGV1002C automotive product
▪ Direct connection to HCSL, LVDS and LVCMOS inputs
▪ Renesas’ LP-HCSL technology improves performance, lowers
power and provides higher integration:
• Programmable output impedance of 85Ω or 100Ω
• Easy AC-coupling to LVPECL and CML logic – see
application note AN-891 for alternate terminations
▪ On-board OTP supports up to 4 complete configurations
• 1 integer, fractional or spread spectrum output frequency
per configuration
• Configuration selected via strapping pins or I2C
▪ Internal crystal load capacitors
▪ < 125mW (9FGV1002C – 1.8V with 100MHz LP-HCSL outputs)
▪ < 100mW (9FGV1006C – 1.8V with 100MHz LP-HCSL outputs)
▪ 4 programmable I2C addresses: D0, D2, D4, D6
▪ Easily configured with Renesas Timing Commander™ software
or Web Configuration tool
▪ 4 × 4 mm 24-VFQFPN with integrated crystal option
▪ 3 × 3 mm 16-LGA with integrated crystal option
▪ Programmable spread spectrum modulation frequency and
amount




Similar Part No. - 9FGV1006C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV1006C RENESAS-9FGV1006C Datasheet
1Mb / 31P
PCIe Gen1–6 Low-Power Programmable PhiClock™ Generators
March 23, 2022
9FGV1006C001LTGI RENESAS-9FGV1006C001LTGI Datasheet
153Kb / 4P
9FGV1006C PhiClock Generator Custom Configuration Addendum
September 17, 2020
9FGV1006C001LTGI8 RENESAS-9FGV1006C001LTGI8 Datasheet
153Kb / 4P
9FGV1006C PhiClock Generator Custom Configuration Addendum
September 17, 2020
9FGV1006C002LTGI RENESAS-9FGV1006C002LTGI Datasheet
153Kb / 4P
9FGV1006C PhiClock Generator Custom Configuration Addendum
September 17, 2020
9FGV1006C002LTGI8 RENESAS-9FGV1006C002LTGI8 Datasheet
153Kb / 4P
9FGV1006C PhiClock Generator Custom Configuration Addendum
September 17, 2020
More results


Similar Description - 9FGV1006C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0741 IDT-9DBU0741 Datasheet
218Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9FGV1006 IDT-9FGV1006 Datasheet
213Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1005 IDT-9FGV1005 Datasheet
219Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1004 IDT-9FGV1004 Datasheet
225Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1001 IDT-9FGV1001 Datasheet
225Kb / 15P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
9FGV1002B IDT-9FGV1002B Datasheet
212Kb / 16P
Low Phase-Noise, Low-Power Programmable PhiClock Generator
logo
Renesas Technology Corp
9FGV1001C RENESAS-9FGV1001C Datasheet
1Mb / 28P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generators
October 29, 2020
9FGV1002C RENESAS-9FGV1002C Datasheet
1Mb / 31P
PCIe Gen1–6 Low-Power Programmable PhiClock™ Generators
March 23, 2022
9FGV1004C RENESAS-9FGV1004C Datasheet
1Mb / 29P
Low Phase-Noise, Low-Power Programmable PhiClock™ Generator
January 31, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com