Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS25948 Datasheet (PDF) - Texas Instruments

TPS25948 Datasheet PDF - Texas Instruments
Part # TPS25948
Download  TPS25948 Download
File Size   4613.32 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-Directional Power Delivery

TPS25948 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25948 Datasheet PDF - Texas Instruments

Part # TPS25948
Download  TPS25948 Click to download

File Size   4613.32 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-Directional Power Delivery

TPS25948 Datasheet (HTML) - Texas Instruments


TPS25948 Product details

1 Features
• Wide operating input voltage range: 3.5V to 23V
– 28V absolute maximum
– Can be powered from either IN or OUT
• Integrated back-to-back FETs with low ONresistance: RON = 12.2mΩ (typical)
• Ideal diode operation with true reverse current blocking (RCB)
– External pin control (RCBCTRL) to disable RCB and allow bi-directional power delivery in steady-state to support USB OTG or DRP operation
• Fast overvoltage protection
– Adjustable overvoltage lockout (OVLO) with 1μs (typical) response time
• Overcurrent protection with load current monitor output (ILM)
– Active current limit response
– Adjustable threshold (ILIM) 1A–9A
• ±10% accuracy (maximum) for ILIM > 3A
– Adjustable transient blanking timer (ITIMER) to allow peak currents > ILIM
– Output load current monitor accuracy: ±6% (typical) (IOUT ≥ 3A)
• Fast-trip response for short-circuit protection
– < 1μs (typical) response time
– Adjustable and fixed thresholds
• Active high enable input with adjustable undervoltage lockout threshold (UVLO)
• Adjustable output slew rate control (dVdt)
• Overtemperature protection
• Digital outputs: Supply Good (SPLYGD/SPLYGD) and Fault Indication (FLT)
• UL 2367 recognition (planned)
• IEC 62368-1 CB certification (planned)
• IEC 61000-4-5: 28V on IN
• Small footprint: PowerWCSP 2.4mm × 1.7mm, 0.5mm pitch




Similar Part No. - TPS25948

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
REVISED SEPTEMBER 2023
TPS25948 TI2-TPS25948 Datasheet
4Mb / 57P
TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-directional Power Delivery
REVISED AUGUST 2025
TPS259480AYWP TI-TPS259480AYWP Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
REVISED SEPTEMBER 2023
TPS259480AYWP TI2-TPS259480AYWP Datasheet
4Mb / 57P
TPS25948xx 3.5V–23V, 12.2mΩ, 8A eFuse With Bi-directional Power Delivery
REVISED AUGUST 2025
More results


Similar Description - TPS25948

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
T8A6CI KEC-T8A6CI Datasheet
82Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 8A MOLD TRIAC (AC POWER CONTROL)
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
logo
Maxim Integrated Produc...
MAX77962EVKIT-06 MAXIM-MAX77962EVKIT-06 Datasheet
2Mb / 17P
Demonstrates 3.5V to 23V Input Operating Range
319-100555; Rev 0; 6/20
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
logo
Richtek Technology Corp...
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
logo
Texas Instruments
TPS25948 TI-TPS25948_V01 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 12.2-mΩ, 8-A eFuse With Bi-directional Power Delivery
REVISED SEPTEMBER 2023
logo
JOULWATT
JW5068A JW-JW5068A Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.5
JW5068C JW-JW5068C Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com